Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40V-TG-WS Fiches technique(PDF) 1 Page - WILLAS ELECTRONIC CORP

No de pièce BAS40V-TG-WS
Description  Plastic-Encapsulate Diodes S CHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WILLAS [WILLAS ELECTRONIC CORP]
Site Internet  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS40V-TG-WS Fiches technique(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAS40V-TG-WS Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS40V-TG-WS Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS40V-TG-WS Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-563 Plastic-Encapsulate Diodes
SCHOTTKY BARRIER DIODE
FEATURES
Low Forward Voltage Drop
Fast Switching
Marking: KAN
Maximum Ratings @Ta=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
DC Blocking Voltage
VRM
VR
40
V
Average Rectified Output Current
IO
200
mA
Power Dissipation
Pd
150
mW
Thermal Resistance Junction to
Ambient
RθJA
667
℃/W
temperature
TJ
1
25
Storage temperature range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 10μA
40
V
Reverse voltage leakage current
IR
VR=30V
200
nA
Forward voltage
VF
IF=1mA
IF=40mA
380
1000
mV
Total capacitance
CT
VR=0,f=1MHz
5
pF
Reverse recovery time
t r r
IF=10mA, IR=IF=1mA
RL=100Ω
5
n
s
SOT-563
6
1
5
2
4
3
2012-11
WILLAS ELECTRONIC CORP.
BAS40V
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, SOD-123H
Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.011 gram
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Moisture Sensitivity Level 1


Numéro de pièce similaire - BAS40V-TG-WS

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS40V-7 DIODES-BAS40V-7 Datasheet
245Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
BAS40V-7 DIODES-BAS40V-7 Datasheet
71Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 3 - 2
BAS40V-7 DIODES-BAS40V-7 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Description similaire - BAS40V-TG-WS

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
RB520S-30 CHENDA-RB520S-30 Datasheet
331Kb / 3P
   S chottky Barrier Diode
RB521S-30 CHENDA-RB521S-30 Datasheet
310Kb / 3P
   S chottky Barrier Diode
RB751V-40 CHENDA-RB751V-40 Datasheet
314Kb / 3P
   S chottky Barrier Diode
RB501V-40 CHENDA-RB501V-40 Datasheet
324Kb / 3P
   S chottky Barrier Diode
RB551V-30 CHENDA-RB551V-30 Datasheet
318Kb / 3P
   S chottky Barrier Diode
logo
WILLAS ELECTRONIC CORP
BAS70W WILLAS-BAS70W Datasheet
716Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
logo
Jiangsu High diode Semi...
ES3AF HDSEMI-ES3AF Datasheet
1Mb / 4P
   S MAF Plastic-Encapsulate Diodes
US1AF-US1MF HDSEMI-US1AF-US1MF Datasheet
1Mb / 4P
   S MAF Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
BAS70WS WILLAS-BAS70WS Datasheet
785Kb / 6P
   Plastic-Encapsulate Schottky Barrier Diodes
logo
SHIKUES Electronics
BAT54ADW SKTECHNOLGY-BAT54ADW Datasheet
1Mb / 4P
   Plastic-Encapsulate Diode s
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com