Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM55-0004 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce AM55-0004
Description  250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0004 Fiches technique(HTML) 3 Page - Tyco Electronics

  AM55-0004 Datasheet HTML 1Page - Tyco Electronics AM55-0004 Datasheet HTML 2Page - Tyco Electronics AM55-0004 Datasheet HTML 3Page - Tyco Electronics AM55-0004 Datasheet HTML 4Page - Tyco Electronics AM55-0004 Datasheet HTML 5Page - Tyco Electronics AM55-0004 Datasheet HTML 6Page - Tyco Electronics AM55-0004 Datasheet HTML 7Page - Tyco Electronics AM55-0004 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
250 mW Linear Power Amplifier and T/R Switch
AM55-0004
Specifications Subject to Change Without Notice
V 2.00
M/A-COM Inc.
s
1011 Pawtucket Boulevard, Lowell, MA 01853 USA
s
Telephone: 800-366-2266
3
Power Amplifier Small Signal Performance1
Power Amplifier CW Performance at 1.9 GHz1
GAIN
FREQUENCY (GHz)
1.50
1.75
2.00
2.25
2.50
27
24
21
18
15
POWER OUTPUT
PIN (dBm)
-5
-3
-1
1
3
28
26
24
22
20
18
INPUT MATCH
FREQUENCY (GHz)
1.50
1.75
2.00
2.25
2.50
0
-5
-10
-15
-20
-25
POWER ADDED EFFICIENCY (%)
PIN (dBm)
-5
-3
-1
1
3
45
35
25
15
5
OUTPUT MATCH
FREQUENCY (GHz)
1.50
1.75
2.00
2.25
2.50
0
-5
-10
-15
-20
-25
GAIN COMPRESSION
PIN (dBm)
-5
-3
-1
1
3
0
-1
-2
-3
-4
-5
6.0 V
4.8 V
3.6 V
3.0 V
6.0 V
4.8 V
3.6 V
3.0 V
6.0 V
4.8 V
3.6 V
3.0 V
6.0 V
4.8 V
3.6 V
3.0 V
6.0 V
4.8 V
3.6 V
3.0 V
6.0 V
4.8 V
3.6 V
3.0 V
1. All data measured at T
A = +25°C and VG1, VG2 adjusted for first stage quiescent current of 30 mA and second stage current of 65 mA,
respectively.


Numéro de pièce similaire - AM55-0004

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004RTR MACOM-AM55-0004RTR Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
M/A-COM Technology Solu...
AM55-0004RTR MA-COM-AM55-0004RTR Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004SMB MACOM-AM55-0004SMB Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
More results

Description similaire - AM55-0004

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
AM55-0004 MA-COM-AM55-0004 Datasheet
281Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8-2.0 GHz
logo
Tyco Electronics
AM55-0004 MACOM-AM55-0004_1 Datasheet
673Kb / 8P
   250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
   250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3_09 Datasheet
1Mb / 4P
   1.8 to 2.0 GHz
logo
Tyco Electronics
AM52-0023 MACOM-AM52-0023 Datasheet
198Kb / 6P
   Power Amplifier with T/R Switch for 802.11b
logo
Motorola, Inc
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
   1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
logo
Tyco Electronics
MA0S506AJ MACOM-MA0S506AJ_1 Datasheet
176Kb / 3P
   SPDT T/R Switch 5.0 - 6.0 GHz
logo
Ericsson
PTB20216 ERICSSON-PTB20216 Datasheet
391Kb / 2P
   6 Watts, 1.8-2.0 GHz RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com