Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM50-0006V2 Fiches technique(PDF) 7 Page - Tyco Electronics

No de pièce AM50-0006V2
Description  Low Noise Amplifier 1400 - 2000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0006V2 Fiches technique(HTML) 7 Page - Tyco Electronics

  AM50-0006V2 Datasheet HTML 1Page - Tyco Electronics AM50-0006V2 Datasheet HTML 2Page - Tyco Electronics AM50-0006V2 Datasheet HTML 3Page - Tyco Electronics AM50-0006V2 Datasheet HTML 4Page - Tyco Electronics AM50-0006V2 Datasheet HTML 5Page - Tyco Electronics AM50-0006V2 Datasheet HTML 6Page - Tyco Electronics AM50-0006V2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Low Noise Amplifier
AM50-0006
V2.00
Specifications Subject to Change Without Notice.
M/A-COM, Inc.
7
North America:
Tel. (800) 366-2266
♦ Asia/Pacific: Tel. +81 3 3263-8761
Europe:
Tel. +44 (1344) 869-595
Fax (800) 618-8883
Fax +81 3 3263-8769
Fax +44 (1344) 300-020
Typical 1400-1520 MHz Performance Data cont. (when matched as shown on page 5)
Test Conditions: Bias=3V, 6.5 mA, Z =50 Ω, unless otherwise specified
.
GAIN vs. TEMPERATURE
12
14
16
18
20
22
1.30
1.35
1.40
1.45
1.50
1.55
1.60
Frequency (GHz)
+85°C
+25°C
-40°C
NOISE FIGURE vs. TEMPERATURE
0.5
1.0
1.5
2.0
2.5
3.0
1.35
1.40
1.45
1.50
1.55
Fre que ncy (GHz)
+85°C
+25°C
-40°C
Designer’s Kit AM50-0006PDC
The AM50-0006 Designer's Kit allows for immediate evaluation
of M/A-COM's AM50-0006 tuned for 1400-1520 MHz operation.
The Designer’s Kit includes an AM50-0006, an evaluation board,
and a floppy disk containing typical performance data and a DXF
files of the recommended PCB layouts.
The evaluation board consists of the recommended external
surface mount circuitry, RF connectors, and a DC multi-pin
connector, all mounted to a multi-layer FR-4 PCB. The
AM50-0006PDC evaluation PCB is illustrated below with
all functional ports labeled.
AM50-0006PDC EVALUATION BOARD
Evaluation PCB + RF Connector Losses
Port Reference
Approximate RF Loss
LNA Input
0.1 dB @ 1.50 GHz
LNA Output
0.1 dB @ 1.50 GHz
The DC connector on the Designer’s Kit PCB allows
convenient DC line access. This is accomplished by of the
one or more of the following methods:
1. A mating female multi-pin connector (Newark
Electronics Stock # 46F-4658, not included).
2. Wires soldered to the necessary pins (not included).
3. Clip leads (not included).


Numéro de pièce similaire - AM50-0006V2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0006PCS MACOM-AM50-0006PCS Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006PCS MA-COM-AM50-0006PCS Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0006PDC MACOM-AM50-0006PDC Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
More results

Description similaire - AM50-0006V2

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
MAALSS0048 MACOM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
   Low Noise Amplifier 50??1400 to 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com