Moteur de recherche de fiches techniques de composants électroniques |
|
M306V0ME Fiches technique(PDF) 98 Page - Mitsubishi Electric Semiconductor |
|
M306V0ME Fiches technique(HTML) 98 Page - Mitsubishi Electric Semiconductor |
98 / 256 page M306V0ME-XXXFP M306V0EEFP MITSUBISHI MICROCOMPUTERS SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 98 Rev. 1.0 (4) TB0IN noise filter The input signal of pin TB0IN has the noise filter. The ON/OFF of noise filter and selection of filter clock are set by bits 2 to 4 of the peripheral mode register. Note: When using the noise filter, set bit 7 of the peripheral mode register according to the main clock frequency. Figure 2.10.29 Peripheral mode register Peripheral mode register SymbolAddressWhen reset PM027D16 0XX000002 Bit nameFunction Bit symbol W R b7b6b5b4b3b2b1b0 0 0 : None 0 1 : SCL1, SDA1 1 0 : SCL2, SDA2 1 1 : SCL1 and SDA1, SCL2 and SDA2 b1 b0 NFON BSEL0 Clock selection bits of TB0IN noise filter (Note) ON/OFF selection bit of TB0IN pin noise filter I2C port selection bits BSEL1 WSEL0 WSEL1 b3 b2 0 0 : 0.25 µs (removed bus width: max 0.75 µs) 0 1 : 8 µs (removed bus width: max 24 µs) 1 0 : 16 µs (removed bus width: max 48 µs) 1 1 : 32 µs (removed bus width: max 96 µs) 0 : Noise filter OFF 1 : Noise filter ON SSCK Main clock frequency selection bit 0 : f(XIN) = 10 MHZ 1 : f(XIN) = 16 MHZ Note: The operation of MCU is not guaranteed when f(XIN) = 16 MHz. Nothing is assigned. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. |
Numéro de pièce similaire - M306V0ME |
|
Description similaire - M306V0ME |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |