Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-184 Datasheet(Fiches technique) 3 Page - Tyco Electronics

Numéro de pièce AM-AMC-184
Description  Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-184 Datasheet(HTML) 3 Page - Tyco Electronics

  AM-AMC-184 Datenblatt HTML 1Page - Tyco Electronics AM-AMC-184 Datenblatt HTML 2Page - Tyco Electronics AM-AMC-184 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
AM-/AMC-184
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Noise Figure
3
Ordering Information
Part Number
Package
AM-184 PIN
4
TO-8-1
AMC-184 SMA
C-32
1 dB Compression
Intermodulation Intercept
Gain vs. Frequency
VSWR vs. Frequency
4. Mounting kit part number AU00071 required for PCB
applications.
10
11
12
13
5
10
50
100
300
500
750 1000 1250 1500 1750 2000
Frequency (MHz)
10
20
30
40
5
10
50
100
300
500
750 1000 1250 1500 1750 2000
Frequency (MHz)
IP2 (f1+f2)
IP3
IP2 (f1-f2)
4
5
6
7
5
10
50
100
300
500
750 1000 1250 1500 1750 2000
Frequency (MHz)
+85C
+25°C
1.0
1.4
1.8
2.2
5
10
50
100
300
500
750 1000 1250 1500 1750 2000
Frequency (MHz)
RF IN
RF OUT
19
20
21
22
5
10
50
100
300
500
750 1000 1250 1500 1750 2000
Frequency (MHz)
+85°C
+25°C
-55°C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn