Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-184 Datasheet(Fiches technique) 1 Page - Tyco Electronics

Numéro de pièce AM-AMC-184
Description  Cascadable Thin Film Amplifier, 20 dB Gain, 10 - 2000 MHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-184 Datasheet(HTML) 1 Page - Tyco Electronics

  AM-AMC-184 Datasheet HTML 1Page - Tyco Electronics AM-AMC-184 Datenblatt HTML 2Page - Tyco Electronics AM-AMC-184 Datenblatt HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
20 dB High Gain
n
60 mA Maximum Low Power
Description
M/A-COM’s AM-184 is a feedback amplifier with high
intercept and compression points.
This amplifier is
packaged in a TO-8 package. Due to the internal power
dissipation the thermal rise should be minimized.
The
ground plane on the PC board should be configured to
remove heat from under the package. AM-184 is ideally
suited for use where a high intercept, high reliability
amplifier is required.
Cascadable Thin Film Amplifier,
20 dB Gain, 10 - 2000 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max Input Power
+13 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn