Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-147 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce AM-AMC-147
Description  High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-147 Fiches technique(HTML) 1 Page - Tyco Electronics

  AM-AMC-147 Datasheet HTML 1Page - Tyco Electronics AM-AMC-147 Datasheet HTML 2Page - Tyco Electronics AM-AMC-147 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
n
2 dB Typical Midband Noise Figure
n
+20 dBm Typical Midband Output Power
n
+38 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-147 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a TO-8
package. Due to the internal power dissipation the thermal
rise minimized. The ground plane on the PC board should
be configured to remove heat from under the package.
AM-147 is ideally suited for use where a high intercept,
high reliability amplifier is required.
High Performance Amplifier,
17 dB Gain, 5 - 500 MHz
TO-8-1
C-32
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
V 3.00


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn