Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-145 Datasheet(Fiches technique) 2 Page - Tyco Electronics

Numéro de pièce AM-AMC-145
Description  High Performance Amplifier, 11dB Gain 10 - 1000 MHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-145 Datasheet(HTML) 2 Page - Tyco Electronics

  AM-AMC-145 Datenblatt HTML 1Page - Tyco Electronics AM-AMC-145 Datasheet HTML 2Page - Tyco Electronics AM-AMC-145 Datenblatt HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Performance Amplifier, 11 dB Gain, 10 - 1000 MHz
AM-/AMC-145
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Electrical Specifications
2,3 T
A = -55C to +85C Case Temperature
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Gain
@ +25C
300 MHz
dB
10.1
10.7
11.3
Frequency Response
?
10-1000 MHz
dB
?
?
1.0
Gain Variation with
Temperature
?
10-1000 MHz
dB
?
?
+1.0,-0.8
1 dB Compression
Output Power
10-1000 MHz
100-1000 MHz
dBm
dBm
+14
+17
?
?
?
?
Noise Figure
?
10-1000 MHz
10-500 MHz
dB
dB
?
?
?
?
5.5
4.0
Reverse Transmission
?
10-1000 MHz
dB
?
-13.5
-11.0
VSWR
?
10-1000 MHz
10-500 MHz
Ratio
Ratio
?
?
?
?
3:1
2:1
Output IP2
Two-tone inputs up to +5 dBm
10-1000 MHz
dBm
+38
?
?
Output IP3
Two-tone inputs up to +5 dBm
10-1000 MHz
dBm
+26
?
?
Vbias
?
?
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
?
mA
?
50
60
Power Dissipation
@15.0 V Bias
?
mW
?
750
?
S-Parameter Data
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95C is not recommended. Heat sinking adequate to dissipate 0.8W must
be provided in use.
S11
S21
S12
S22
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.03
59.0
3.53
-160.8
0.21
-168.6
0.05
60.4
20
0.02
107.8
3.42
-171.3
0.22
-175.4
0.04
94.5
400
0.10
-18.6
3.50
131.8
0.22
134.3
0.11
-1.5
1000
0.21
162.9
3.51
55.5
0.23
69.3
0.18
-89.9
Frequency (MHz)
50
0.03
81.9
3.43
179.0
0.22
177.3
0.04
83.4
100
0.04
55.5
3.47
171.3
0.22
170.1
0.05
61.5
200
0.07
30.2
3.48
157.2
0.22
157.5
0.08
36.2
600
0.14
-64.1
3.54
106.9
0.23
111.8
0.14
-32.1
800
0.17
-115.9
3.49
82.1
0.23
90.6
0.16
-62.0


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn