Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-136 Datasheet(Fiches technique) 1 Page - Tyco Electronics

Numéro de pièce AM-AMC-136
Description  High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-136 Datasheet(HTML) 1 Page - Tyco Electronics

  AM-AMC-136 Datasheet HTML 1Page - Tyco Electronics AM-AMC-136 Datenblatt HTML 2Page - Tyco Electronics AM-AMC-136 Datenblatt HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Performance Amplifier,
20 dB Gain, 10 - 200 MHz
FP-9
V 5.00
C-25
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Max. Input Power
+15 dBm
Vbias
+17.0 V
Operating Temperature
-55C to +85C
Storage Temperature
-65C to +125C
1. Operation of this device above any one of these
parameters may cause permanent damange.
Features
n
+49 dBm Typical Midband Third Order Intercept
n
+29 dBm Typical Midband 1 dB Compression
n
4.8 dB Typical Midband Noise Figure
Description
M/A-COM?s AM-136 is a coupler feedback amplifier with
high intercept and compression points. The use of coupler
feedback minimizes noise figure and current in a high
intercept amplifier. This amplifier is packaged in a flatpack
with flanges. Due to the internal power dissipation the
thermal rise should be minimized. The ground plane on the
PC board should be configured to remove heat from under
the package. AM-136 is ideally suited for use where a high
intercept, high reliability amplifier is required.
Pin Configuration
Pin #
Function
Pin #
Function
1
RF OUT
6
RF IN
2
GND
7
GND
3
GND
8
GND
4
GND
9
GND
5
Vbias
2
10
Vbias
2
2. Bias may be applied to either a single bias pin, or both bias
pins. If bias is applied to both bias pins, it is important that
potential ground loops be avoided, and that there is ade-
quate filtering on the bias lines.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn