Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-132 Fiches technique(PDF) 3 Page - Tyco Electronics

No de pièce AM-AMC-132
Description  High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

AM-AMC-132 Fiches technique(HTML) 3 Page - Tyco Electronics

  AM-AMC-132 Datasheet HTML 1Page - Tyco Electronics AM-AMC-132 Datasheet HTML 2Page - Tyco Electronics AM-AMC-132 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-/AMC-132
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 4.00
Typical Performance Curves
Noise Figure and 1 dB Compression
VSWR vs. Frequency
3
Ordering Information
Part Number
Package
AM-132 PIN
FP-9
AMC-132 SMA
C-25
1.00
1.25
1.50
1.75
2.00
3
5
10
20
50
100
200
300
Frequency (MHz)
RF IN
RF OUT
4.0
4.5
5.0
5.5
3
5
10
20
50
100
200
300
Frequency (MHz)
28
29
30
31
Noise Figure
Output Power


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn