Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA39 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce SMA39
Description  10 TO 2000 MHz CASCADABLE AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA39 Fiches technique(HTML) 1 Page - Tyco Electronics

  SMA39 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
• North America: 1-800-366-2266
Visit www.macom.com for complete contact and product information.
Typical Performance @ 25°C
Guaranteed
Characteristics
Typical
0
°°°° to 50°°°°C
-54
°°°° to +85°°°°C
Frequency
Small Signal Gain (min.)
Gain Flatness (max.)
Reverse Isolation
Noise Figure (max.)
Power Output @ 1 dB comp. (min.)
IP3
IP2
Second Order Harmonic IP
VSWR Input / Output (max.)
DC Current @ 15 Volts (max.)
Absolute Maximum Ratings
Storage Temperature
Max. Case Temperature
Max. DC Voltage
Max. Continuous RF Input Power
Max. Short Term RF Input Power (1 minute max.)
Max. Peak Power (3
µsec max.)
“S” Series Burn-in Temperature (Case)
Thermal Data: Vcc = 15 Vdc
Thermal Resistance
θ
jc
Transistor Power Dissipation Pd
Junction Temperature Rise Above Case Tjc
Outline Drawings
Package
TO-8
Surface Mount
SMA Connectorized
Figure
Model
· HIGH OUTPUT POWER: +22 dBm (TYP.)
· HIGH THIRD ORDER I.P.: +34 dBm (TYP.)
· WIDE BANDWIDTH: 10-2000 MHz
A39/SMA39
10 TO 2000 MHz
CASCADABLE AMPLIFIER
Specifications (Rev. Date: 1/01)*
* Measured in a 50-ohm system at +15 Vdc Nominal. Subject to change without notice.
BG
AA
CE
0.0-2.1 GHz
7.5 dB
±0.3 dB
14 dB
8.5 dB
22.0 dBm
+34 dBm
+50 dBm
+55 dBm
1.6:1 / 1.6:1
90 mA
0.0-2.0 GHz
6.5 dB
±0.7 dB
19.5 dBm
9.5 dB
20.0 dBm
2.3:1 / 2.3:1
98 mA
2.2:1 / 2.2:1
94 mA
0.0-2.0 GHz
6.0 dB
±1.0 dB
10.0 dB
-62° to +125°C
125°C
+17 Volts
+50 dBm
100 mW
0.5 W
125°C
100°C/W
0.935 W
93°C
A39
SMA39
CA39


Numéro de pièce similaire - SMA39

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
SMA39 LITEON-SMA39 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Tyco Electronics
SMA39 MACOM-SMA39 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA39 MA-COM-SMA39 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA39 MA-COM-SMA39 Datasheet
640Kb / 3P
   Cascadable Amplifier
logo
Lite-On Technology Corp...
SMA39A LITEON-SMA39A Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Description similaire - SMA39

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
A33 MACOM-A33 Datasheet
365Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A35 MACOM-A35_1 Datasheet
379Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
A38 MACOM-A38_1 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA35 MA-COM-SMA35 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A35 MACOM-A35 Datasheet
106Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA33 MA-COM-SMA33 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
SMA37 MA-COM-SMA37 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A37 MACOM-A37_1 Datasheet
376Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA36 MA-COM-SMA36 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2000 MHz
logo
Tyco Electronics
A38 MACOM-A38 Datasheet
85Kb / 1P
   10 TO 2000 MHz CASCADABLE AMPLIFIER
A39 MACOM-A39_1 Datasheet
378Kb / 2P
   Cascadable Amplifier 10 to 2000 MHz
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com