Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N4235 Fiches technique(PDF) 2 Page - Central Semiconductor Corp

No de pièce 2N4235
Description  SILICON PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N4235 Fiches technique(HTML) 2 Page - Central Semiconductor Corp

  2N4235 Datasheet HTML 1Page - Central Semiconductor Corp 2N4235 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N4234
2N4235
2N4236
SILICON
PNP TRANSISTORS
TO-39 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING: FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=1.0V, IC=100mA
40
hFE
VCE=1.0V, IC=250mA
30
150
hFE
VCE=1.0V, IC=500mA
20
hFE
VCE=1.0V, IC=1.0A
10
hfe
VCE=10V, IC=50mA, f=1.0kHz
25
fT
VCE=10V, IC=100mA, f=1.0MHz
3.0
MHz
Cob
VCB=10V, IE=0, f=100kHz
100
pF
www.centr a lsemi.com
R0 (22-October 2013)


Numéro de pièce similaire - 2N4235

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N4235 BOCA-2N4235 Datasheet
196Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Micro Electronics
2N4235 MICRO-ELECTRONICS-2N4235 Datasheet
150Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
2N4235 CENTRAL-2N4235 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N4235 ETC-2N4235 Datasheet
347Kb / 8P
   Power Transistors
logo
Microsemi Corporation
2N4235 MICROSEMI-2N4235 Datasheet
56Kb / 2P
   NPN POWER AMPLIFIER SILICON TRANSISTOR
More results

Description similaire - 2N4235

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com