Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD2503 Fiches technique(PDF) 2 Page - Won-Top Electronics

No de pièce BD2503
Description  25A BOSCH TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WTE [Won-Top Electronics]
Site Internet  http://www.wontop.com
Logo WTE - Won-Top Electronics

BD2503 Fiches technique(HTML) 2 Page - Won-Top Electronics

  BD2503 Datasheet HTML 1Page - Won-Top Electronics BD2503 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: April, 2012
BD2500 – BD2506
WON-TOP ELECTRONICS
®
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
BD2500
13mm Bosch Press-Fit
180 Units/Box
BD2501
13mm Bosch Press-Fit
180 Units/Box
BD2502
13mm Bosch Press-Fit
180 Units/Box
BD2503
13mm Bosch Press-Fit
180 Units/Box
BD2504
13mm Bosch Press-Fit
180 Units/Box
BD2505
13mm Bosch Press-Fit
180 Units/Box
BD2506
13mm Bosch Press-Fit
180 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, BD2500-LF.
WON-TOP ELECTRONICS and
are registered trademarks of Won-Top Electronics Co., Ltd (WTE). WTE has checked all information carefully and
believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the
purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein
without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road,
Chine Chen Dist., Kaohsiung 806, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Numéro de pièce similaire - BD2503

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
BD2503 WTE-BD2503 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2503 WTE-BD2503 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results

Description similaire - BD2503

FabricantNo de pièceFiches techniqueDescription
logo
Won-Top Electronics
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
BD25160 WTE-BD25160 Datasheet
31Kb / 2P
   25A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3520 WTE-BD3520 Datasheet
29Kb / 2P
   35A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com