Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3250 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce 2N3250
Description  SILICON PNP TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

2N3250 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  2N3250 Datasheet HTML 1Page - Central Semiconductor Corp 2N3250 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N3250
2N3250A
2N3251
2N3251A
SILICON
PNP TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 2N3250, 2N3251
series devices are silicon PNP transistors designed for
small signal, general purpose switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
2N3250
2N3250A
SYMBOL
2N3251
2N3251A
UNITS
Collector-Base Voltage
VCBO
50
60
V
Collector-Emitter Voltage
VCEO
40
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
360
mW
Power Dissipation (TC=25°C)
PD
1.2
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
Thermal Resistance
JC
146
°C/W
Thermal Resistance
JA
486
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICEV
VCE=40V, VEB=3.0V
20
nA
BVCBO
IC=10μA (2N3250, 2N3251)
50
V
BVCBO
IC=10μA (2N3250A, 2N3251A)
60
V
BVCEO
IC=10mA (2N3250, 2N3251)
40
V
BVCEO
IC=10mA (2N3250A, 2N3251A)
60
V
BVEBO
IE=10μA
5.0
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.25
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.50
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.60
0.90
V
VBE(SAT)
IC=50mA, IB=5.0mA
1.20
V
2N3250
2N3251
2N3250A
2N3251A
MIN
MAX
MIN
MAX
hFE
VCE=1.0V, IC=0.1mA
40
-
80
-
hFE
VCE=1.0V, IC=1.0mA
45
-
90
-
hFE
VCE=1.0V, IC=10mA
50
150
100
300
hFE
VCE=1.0V, IC=50mA
15
-
30
-
TO-18 CASE
R1 (4-March 2014)
www.centr a lsemi.com


Numéro de pièce similaire - 2N3250

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3250 BOCA-2N3250 Datasheet
183Kb / 5P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Seme LAB
2N3250 SEME-LAB-2N3250 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO18 Metal Package.
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3250 NJSEMI-2N3250 Datasheet
106Kb / 2P
   GENERAL PURPOSE TRANSISTORS
logo
Central Semiconductor C...
2N3250A CENTRAL-2N3250A Datasheet
33Kb / 1P
   Small Signal Transistors
More results

Description similaire - 2N3250

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com