Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M30623M4A Datasheet(Fiches technique) 5 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M30623M4A
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Télécharger  237 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M30623M4A Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 237 page
background image
Mitsubishi microcomputers
M16C / 62A Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
5
Mitsubishi plans to release the following products in the M16C/62A (80-pin version) group:
(1) Support for mask ROM version and flash memory version
(2) ROM capacity
(3) Package
80P6S-A
: Plastic molded QFP (mask ROM and flash memory versions)
The M16C/62A (80-pin version) group products currently supported are listed in Table 1.1.2.
ROM Size
(Byte)
External
ROM
128K
96K
64K
32K
Mask ROM version
Flash memory version
256K
M30623M8A-XXXGP
M30623MAA-XXXGP
M30623MCA-XXXGP
M30621MCA-XXXGP
M30621M8A-XXXGP
M30623M4A-XXXGP
M30621MAA-XXXGP
M30625MGA-XXXGP
M30625FGAGP
M30621FGAGP
80K
RAM capacity
ROM capacity
Package type
Remarks
Type No
As of June 2000
mask ROM version
Flash memory 5V version
M30623M8A-XXXGP
64 Kbytes
4 Kbytes
80P6S-A
128 Kbytes
M30621M8A-XXXGP
M30625MGA-XXXGP
96 Kbytes
5 Kbytes
M30623MAA-XXXGP
M30623MCA-XXXGP
80P6S-A
80P6S-A
80P6S-A
80P6S-A
5 Kbytes
256 Kbytes
64 Kbytes
10 Kbytes
20 Kbytes
M30623M4A-XXXGP
32 Kbytes
3 Kbytes
80P6S-A
96 Kbytes
10 Kbytes
M30621MAA-XXXGP
80P6S-A
M30621MCA-XXXGP
80P6S-A
128 Kbytes
10 Kbytes
M30621FGAGP
80P6S-A
128 Kbytes
10 Kbytes
M30625FGAGP
80P6S-A
256 Kbytes
20 Kbytes
Table 1.1.2. M16C/62A (80-pin version) group
Figure 1.1.3. ROM expansion


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M37733M4BXXXFPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736M4BXXXGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32CSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30302M8LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M37733M4LXXXHPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M37736M4LSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30201SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30621FCMGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M30302MAPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreRenesas Technology Corp
M30222SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn