Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BCX17LT1 Datasheet(Fiches technique) 1 Page - Leshan Radio Company

Numéro de pièce BCX17LT1
Description  General Purpose Transistors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCX17LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  BCX17LT1 Datasheet HTML 1Page - Leshan Radio Company BCX17LT1 Datenblatt HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
M15–1/2
General Purpose Transistors
MAXIMUM RATINGS
Value
Rating
Symbol
BCX17LT1
BCX18LT1
Unit
BCX19LT1
BCX20LT1
Collector–Emitter Voltage
V CEO
45
25
Vdc
Collector–Base Voltage
V CBO
50
30
Vdc
Emitter–Base Voltage
V EBO
5.0
5.0
Vdc
Collector Current — Continuous
I C
500
500
mAdc
DEVICE MARKING
BCX17LT1 = T1; BCX18LT1 = T2; BCX19LT1 = U1; BCX20LT1 = U2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
225
mW
TA = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
1
3
2
PNP
BCX17LT1
BCX18LT1
NPN
BCX19LT1
BCX20LT1
Voltage and current are negative
for PNP transistors
CASE 318–08, STYLE 6
SOT–23 (TO–236AB)
2
EMITTER
3
COLLECTOR
1
BASE
2
EMITTER
3
COLLECTOR
1
BASE


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn