Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC3116E Fiches technique(PDF) 4 Page - SamHop Microelectronics Corp.

No de pièce STC3116E
Description  Super high dense cell design for low RDS(ON).
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STC3116E Fiches technique(HTML) 4 Page - SamHop Microelectronics Corp.

  STC3116E Datasheet HTML 1Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 2Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 3Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 4Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 5Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 6Page - SamHop Microelectronics Corp. STC3116E Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.samhop.com.tw
Jun,14,2012
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
Gate-Source Voltage
Variation with Source Current
0
STC3116E
Ver 1.0
Crss
Coss
Ciss
500
400
300
200
100
10
15
20
25
30
0
5
110
100
10
100
1000
5000
300
250
200
150
100
50
0
68
10
0
4
2
20.0
10.0
1.0
0
0.4
0.8
1.2
1.6
2.0
5.0
25 C
125 C
75 C
10
8
6
4
2
0
V DS = 15V
ID=1A
VDS=15V,ID=1A
VGS=10V
TD(on)
Tr
TD(off )
125 C
ID=1A
25 C
75 C
3
24
1
0
30
10
1
0.1
0.1
150
30
10
Tf
V GS =10V
Single P uls e
T A=25 C
R
DS
(O
N)
Lim
it
10
0us
1m
s
10m
s
10
0m
s
10s
DC


Numéro de pièce similaire - STC3116E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115AIJT STMICROELECTRONICS-STC3115AIJT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115AIQT STMICROELECTRONICS-STC3115AIQT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115IJT STMICROELECTRONICS-STC3115IJT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
STC3115IQT STMICROELECTRONICS-STC3115IQT Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
More results

Description similaire - STC3116E

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
SDUD06N70 SAMHOP-SDUD06N70 Datasheet
137Kb / 11P
   Super high dense cell design for low RDS(ON).
SDUD01N70 SAMHOP-SDUD01N70 Datasheet
161Kb / 11P
   Super high dense cell design for low RDS(ON).
STF2458A SAMHOP-STF2458A Datasheet
92Kb / 6P
   Super high dense cell design for low RDS(ON).
STF8204 SAMHOP-STF8204 Datasheet
123Kb / 8P
   Super high dense cell design for low RDS(ON).
STG2454 SAMHOP-STG2454 Datasheet
123Kb / 7P
   Super high dense cell design for low RDS(ON).
STG8205 SAMHOP-STG8205 Datasheet
197Kb / 7P
   Super high dense cell design for low RDS(ON).
STK600 SAMHOP-STK600 Datasheet
104Kb / 7P
   Super high dense cell design for low RDS(ON).
STE334S SAMHOP-STE334S Datasheet
93Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2454 SAMHOP-STF2454 Datasheet
112Kb / 6P
   Super high dense cell design for low RDS(ON).
STF2456 SAMHOP-STF2456 Datasheet
98Kb / 6P
   Super high dense cell design for low RDS(ON).
STM4886E SAMHOP-STM4886E Datasheet
188Kb / 7P
   Super high dense cell design for low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com