Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STBP432S Fiches technique(PDF) 2 Page - SamHop Microelectronics Corp.

No de pièce STBP432S
Description  Super high dense cell design for extremely low RDS(ON).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMHOP [SamHop Microelectronics Corp.]
Site Internet  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STBP432S Fiches technique(HTML) 2 Page - SamHop Microelectronics Corp.

  STBP432S Datasheet HTML 1Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 2Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 3Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 4Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 5Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 6Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 7Page - SamHop Microelectronics Corp. STBP432S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
40
V
1
IGSS
±100
nA
VGS(th)
1
V
gFS
S
VSD
CISS
1600
pF
COSS
280
pF
CRSS
150
pF
Qg
20
nC
21
nC
Qgs
45
nC
Qgd
16
tD(ON)
32
ns
tr
3.5
ns
tD(OFF)
7.3
ns
tf
ns
Gate-Drain Charge
VDS=15V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=15V
ID=30A
VGS=10V
RGEN=3.3 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=15V,ID=30A,VGS=10V
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=30A
VDS=10V , ID=30A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3
VGS=4.5V , ID=28A
m ohm
c
f=1.0MHz
c
VDS=15V,ID=30A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
c
VGS=0V,IS=30A
0.95
1.3
V
Notes
STB/P432S
Ver 1.0
www.samhop.com.tw
Jun,24,2008
2
nC
VDS=15V,ID=28A,VGS=4.5V
15
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=1.25mH,RG=25
,VDD = 20V.(See Figure13)
_
_
_
1.7
7
9
9
11
26
IS
Maximum Continuous Drain-Source Diode Forward Current
A
30


Numéro de pièce similaire - STBP432S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STBP434S SAMHOP-STBP434S Datasheet
257Kb / 8P
   Super high dense cell design for low RDS(ON).
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
More results

Description similaire - STBP432S

FabricantNo de pièceFiches techniqueDescription
logo
SamHop Microelectronics...
STBP438S SAMHOP-STBP438S Datasheet
267Kb / 8P
   Super high dense cell design for extremely low RDS(ON)
STBP438A SAMHOP-STBP438A Datasheet
262Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP60L60 SAMHOP-STBP60L60 Datasheet
261Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
logo
First Components Intern...
FMT2305 FCI-FMT2305 Datasheet
400Kb / 4P
   Super High Dense Cell Design for Extremely Low RDS(ON)
logo
SamHop Microelectronics...
STBP70L60 SAMHOP-STBP70L60 Datasheet
181Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP454 SAMHOP-STBP454 Datasheet
182Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STBP4410 SAMHOP-STBP4410 Datasheet
195Kb / 10P
   Super high dense cell design for extremely low RDS(ON).
STBP440S SAMHOP-STBP440S Datasheet
264Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP35N10 SAMHOP-STP35N10 Datasheet
139Kb / 8P
   Super high dense cell design for extremely low RDS(ON).
STP652F SAMHOP-STP652F Datasheet
126Kb / 7P
   Super high dense cell design for extremely low RDS(ON).
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com