Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW30LT1 Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce BCW30LT1
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BCW30LT1 Fiches technique(HTML) 3 Page - Leshan Radio Company

  BCW30LT1 Datasheet HTML 1Page - Leshan Radio Company BCW30LT1 Datasheet HTML 2Page - Leshan Radio Company BCW30LT1 Datasheet HTML 3Page - Leshan Radio Company BCW30LT1 Datasheet HTML 4Page - Leshan Radio Company BCW30LT1 Datasheet HTML 5Page - Leshan Radio Company BCW30LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
M7–3/6
BCW29LT1 BCW30LT1
Noise Figure is Defined as:
NF = 20 log
10 ( –––––––––––––––)
1/ 2
e
n = Noise Voltage of the Transistor referred to the input. (Figure 3)
I
n
= Noise Current of the Transistor referred to the input. (Figure 4)
K
= Boltzman’s Constant (1.38 x 10 –23 j/°K)
T
= Temperature of the Source Resistance (°K)
R
s = Source Resistance ( Ω )
e
n
2 + 4KTR
S + I n
2 R
S
2
4KTR
S
TYPICAL NOISE CHARACTERISTICS
(V
CE = – 5.0 Vdc, T A = 25°C)
f, FREQUENCY (Hz)
Figure 1. Noise Voltage
f, FREQUENCY (Hz)
Figure 2. Noise Current
I
C , COLLECTOR CURRENT (µA)
Figure 3. Narrow Band, 100 Hz
I
C , COLLECTOR CURRENT (µA)
Figure 5. Wideband
I
C , COLLECTOR CURRENT (µA)
Figure 4. Narrow Band, 1.0 kHz
BANDWIDTH = 1.0 Hz
R
S
0
I
C=10 µA
100
µA
30
µA
300
µA
1.0mA
BANDWIDTH = 1.0 Hz
R
S
I
C=1.0mA
300
µA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
NOISE FIGURE CONTOURS
(V
CE = – 5.0 Vdc, T A = 25°C)
10
7.0
5.0
3.0
2.0
1.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
10.0
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
10
20
30
50
70
100
200
300
500 700 1.0K
0.5 dB
1.0 dB
2.0dB
3.0 dB
1.0dB
2.0 dB
3.0 dB
5.0 dB
0.5dB
1.0dB
2.0dB
3.0 dB
5.0 dB
10 Hz to 15.7KHz
10
µA
0.5 dB
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
1.0M
500k
200k
100k
50k
20k
10k
5.0k
2.0k
1.0k
500
200
100
5.0 dB
~
~
~
~


Numéro de pièce similaire - BCW30LT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BCW30LT1 MOTOROLA-BCW30LT1 Datasheet
451Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW30LT1D ONSEMI-BCW30LT1D Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW30LT1G ONSEMI-BCW30LT1G Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
More results

Description similaire - BCW30LT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com