Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848AWT1 Fiches technique(PDF) 2 Page - Leshan Radio Company

No de pièce BC848AWT1
Description  General Purpose Transistors(NPN Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

BC848AWT1 Fiches technique(HTML) 2 Page - Leshan Radio Company

  BC848AWT1 Datasheet HTML 1Page - Leshan Radio Company BC848AWT1 Datasheet HTML 2Page - Leshan Radio Company BC848AWT1 Datasheet HTML 3Page - Leshan Radio Company BC848AWT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
K4–2/4
BC846AWT1,BWT1 BC847AWT1,BWT1 CWT1 BC848AWT1,BWT1,CWT1
ELECTRICAL CHARACTERISTICS(T
A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
BC846A, BC847A, BC848A
h FE
—90
(I C = 10
µA, V
CE = 5.0 V)
BC846B, BC847B, BC848B
150
BC847C, BC848C
270
(I C = 2.0 mA, V CE = 5.0 V)
BC846A, BC847A, BC848A
110
180
220
BC846B, BC847B, BC848B
200
290
450
BC847C, BC848C
420
520
800
Collector–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V CE(sat)
0.25
V
Collector–Emitter Saturation Voltage (I C = 100 mA, I B = 5.0 mA)
0.6
Base–Emitter Saturation Voltage (I C = 10 mA, I B = 0.5 mA)
V BE(sat)
0.7
V
Base–Emitter Saturation Voltage (I C = 100 mA, I B = 5.0 mA)
0.9
Base–Emitter Voltage (I C = 2.0 mA, V CE = 5.0 V)
V BE(on)
580
660
700
mV
Base–Emitter Voltage (I C = 10 mA, V CE = 5.0 V)
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (I C = 0.2 mA,
BC846A, BC847A, BC848A
NF
dB
V CE = 5.0 Vdc, R S = 2.0 k
Ω,
BC846B, BC847B, BC848B
10
f = 1.0 kHz, BW = 200 Hz)
BC847C, BC848C
4.0
I
C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
V
CE = 10 V
T
A = 25°C
2.0
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.1
0.2 0.3
0.5 0.7 1.0
2.0 3.0
5.0 7.0 10
20 30
50 70 100
T
A = 25°C
V
BE(sat) @ I C /I B=10
V
BE(on) @ V CE = 10 V
V
CE(sat) @ I C /I B = 10
T
A = 25°C
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1.0
1.2
1.6
2.0
2.4
2.8
I
B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I
C= 200 mA
–55°C to +125°C
I
C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
2.0
1.6
1.2
0.8
0.4
0
I
C =
10 mA
I
C = 100 mA
I
C =
20 mA
I
C = 50 mA
0.2
1.0
10
100
0.02
0.1
1.0
10
20


Numéro de pièce similaire - BC848AWT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC848AWT1 MOTOROLA-BC848AWT1 Datasheet
207Kb / 6P
   CASE 419-02, STYLE 3 SOT-323/SC-70
logo
ON Semiconductor
BC848AWT1 ONSEMI-BC848AWT1 Datasheet
147Kb / 6P
   General Purpose Transistors(NPN Silicon)
More results

Description similaire - BC848AWT1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com