Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZTA42 Datasheet(Fiches technique) 4 Page - Diodes Incorporated

Numéro de pièce DZTA42
Description  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42 Datasheet(HTML) 4 Page - Diodes Incorporated

  DZTA42_15 Datenblatt HTML 1Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 2Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 3Page - Diodes Incorporated DZTA42_15 Datasheet HTML 4Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 5Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 6Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DZTA42
Datasheet Number: DS30582 Rev. 6 - 2
4 of 7
www.diodes.com
January 2014
© Diodes Incorporated
DZTA42
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
300
V
IC = 100µA, IE = 0
Collector-Emitter Breakdown Voltage (Note 9)
BVCBO
300
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
6
V
IE = 100µA, IC = 0
Collector-Base Cut-off Current
ICBO
0.1
µA
VCB = 200V, IE = 0
Emitter-Base Cut-off Current
IEBO
0.1
µA
VEB = 6V, IC = 0
ON CHARACTERISTICS (Note 9)
Collector-Emitter Saturation Voltage
VCE(sat)
0.5
V
IC = 20mA, IB = 2mA
Base-Emitter Saturation Voltage
VBE(sat)
0.9
V
IC = 20mA, IB = 2mA
Static Forward Current Transfer Ratio
hFE
25
IC = 1mA, VCE = 10V
40
IC = 10mA, VCE = 10V
40
IC = 30mA, VCE = 10V
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
50
MHz
IC = 10mA, VCE = 20V
f = 100MHz
Output Capacitance
Cobo
3
pF
VCB = 20V, f = 1MHz
Note:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
0.05
0.1
0.15
0.2
01
2
3
4
5
V , COLLECTOR-EMITTER VOLTAGE (V)
CE
Figure 1 Typical Collector Current
vs. Collector-Emitter Voltage
I = 1mA
B
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
0
50
100
150
200
250
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
C
Figure 2 Typical DC Current Gain vs. Collector Current
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 150 C
A
°
V
= 5V
CE


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn