Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZTA42 Datasheet(Fiches technique) 3 Page - Diodes Incorporated

Numéro de pièce DZTA42
Description  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42 Datasheet(HTML) 3 Page - Diodes Incorporated

  DZTA42_15 Datenblatt HTML 1Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 2Page - Diodes Incorporated DZTA42_15 Datasheet HTML 3Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 4Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 5Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 6Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DZTA42
Datasheet Number: DS30582 Rev. 6 - 2
3 of 7
www.diodes.com
January 2014
© Diodes Incorporated
DZTA42
Thermal Characteristics and Derating Information
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100 120 140 160
0.0
0.5
1.0
1.5
2.0
50mm x 50mm
1oz Cu
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
50
60
50mm x 50mm 1oz Cu
Tamb = 25°C
Pulse Power Dissipation
Pulse Width (s)
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
50mm x 50mm 1oz Cu
Tamb = 25°C
Single pulse


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn