Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DZTA42 Datasheet(Fiches technique) 2 Page - Diodes Incorporated

Numéro de pièce DZTA42
Description  300V NPN HIGH VOLTAGE TRANSISTOR IN SOT223
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZTA42 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZTA42_15 Datenblatt HTML 1Page - Diodes Incorporated DZTA42_15 Datasheet HTML 2Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 3Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 4Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 5Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 6Page - Diodes Incorporated DZTA42_15 Datenblatt HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DZTA42
Datasheet Number: DS30582 Rev. 6 - 2
2 of 7
www.diodes.com
January 2014
© Diodes Incorporated
DZTA42
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
500
mA
Base Current
IB
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
2
W
(Note 6)
1
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
62
°C/W
(Note 6)
125
Thermal Resistance, Junction to Leads
(Note 7)
RθJL
19.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the collector lead on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured
under still air conditions whilst operating in a steady-state.
6. Same as note (5), except mounted on minimum recommended pad (MRP) layout.
7. Thermal resistance from junction to solder-point (at the end of the collector lead).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn