Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF43168QC30 Fiches technique(PDF) 9 Page - LOGIC Devices Incorporated

No de pièce LF43168QC30
Description  Dual 8-Tap FIR Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF43168QC30 Fiches technique(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF43168QC30 Datasheet HTML 5Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 6Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 7Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 8Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 9Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 10Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 11Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 12Page - LOGIC Devices Incorporated LF43168QC30 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DEVICES INCORPORATED
Video Imaging Products
9
LF43168
Dual 8-Tap FIR Filter
03/28/2000–LDS.43168-H
Interleaved Coefficient Filters
Figure 7 shows the filter configuration
when the device is programmed for
interleaved coefficients. An inter-
leaved coefficient set contains two
separate odd-tap, even-symmetric
coefficient sets which have been
interleaved together (see Figure 8). If
two data sets are interleaved into the
same serial data stream, they can both
be filtered by different coefficient sets
if the two coefficient sets are also
interleaved. The LF43168 is config-
ured as an interleaved coefficient filter
by programming the device for
interleaved coefficient sets, even-
symmetric coefficients, odd number of
filter taps, and data reversal disabled.
Note that coefficient 3, in Figure 7,
must be divided by two to get the
correct result.
Asymmetric Coefficient Filters
It is possible to have asymmetric
coefficient filters. Asymmetric coeffi-
cient sets do not exhibit even or odd
symmetric properties. A 4-tap asym-
metric filter is possible by putting the
device in even-tap, pass A mode and
then feeding the asymmetric coeffi-
cient set to the multipliers. An 8-tap
asymmetric filter is possible if the
device is clocked twice as fast as the
input data rate. It will take two CLK
cycles to calculate the output. On the
first CLK cycle, the reverse decimation
path is selected to feed data to the
filter multipliers. On the second CLK
cycle, the coefficients sent to the
multipliers are changed (if necessary)
and the forward decimation path is
selected to feed data to the filter
multipliers.
FIGURE 8.
INTERLEAVED COEFFICIENT SET EXAMPLE
Interleaved Coefficient Set
Consisting of Sets A and B
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
Odd-Tap, Even-Symmetric
Coefficient Set B
1
2
3
4
5
Odd-Tap, Even-Symmetric
Coefficient Set A
6
7
6
7
11
12
13
14
FIGURE 7.
INTERLEAVED COEFFICIENT FILTER CONFIGURATION
COEF 0
COEF 1
COEF 2
B + A
AB
B + A
AB
B + A
AB
B + A
AB
DATA IN
ODD-TAP INTERLEAVED FILTER
NNN
NNN
N = Delay Length (Decimation Factor)
N
COEF 3
2


Numéro de pièce similaire - LF43168QC30

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF43881JC40 LODEV-LF43881JC40 Datasheet
82Kb / 11P
   8 x 8-bit Digital Filter
LF43891 LODEV-LF43891 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC33 LODEV-LF43891JC33 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
LF43891JC40 LODEV-LF43891JC40 Datasheet
79Kb / 11P
   9 x 9-bit Digital Filter
More results

Description similaire - LF43168QC30

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
   Dual FIR Filter
July 27, 2009
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
   Dual FIR Filter
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
   Dual FIR Filter
HSP43168883 INTERSIL-HSP43168883 Datasheet
180Kb / 10P
   Dual FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
   Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
   Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
   Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
   Dual Channel, Differential Input FIR Filter Platform
logo
Zarlink Semiconductor I...
VP16256 ZARLINK-VP16256 Datasheet
459Kb / 19P
   Programmable FIR FIlter
logo
Mitel Networks Corporat...
VP16256 MITEL-VP16256 Datasheet
228Kb / 20P
   Programmable FIR Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com