Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF3310QC15 Fiches technique(PDF) 9 Page - LOGIC Devices Incorporated

No de pièce LF3310QC15
Description  Horizontal / Vertical Digital Image Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LODEV [LOGIC Devices Incorporated]
Site Internet  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3310QC15 Fiches technique(HTML) 9 Page - LOGIC Devices Incorporated

Back Button LF3310QC15 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 12Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DEVICES INCORPORATED
Video Imaging Products
9
LF3310
Horizontal / Vertical Digital Image Filter
11/08/2001-LDS.3310-H
(see Figure 11). Each round register is
32-bits wide and user-programmable.
This allows the filter’s output to be
rounded to any precision required.
Since any 32-bit value may be
programmed into the round registers,
the device can support complex
rounding algorithms as well as
standard Half-LSB rounding. HRSL3-
0
determines which of the sixteen
horizontal round registers are used in
the rounding operation. A value of 0
on HRSL3-0 selects horizontal round
register 0. A value of 1 selects hori-
zontal round register 1 and so on.
HRSL3-0 may be changed every clock
cycle if desired. This allows the
rounding algorithm to be changed
every clock cycle. This is useful when
filtering interleaved data. If rounding
is not desired, a round register should
be loaded with 0 and selected as the
register used for rounding. Round
register loading is discussed in the LF
InterfaceTM section.
Horizontal Select
The word width of the horizontal
filter output is 32-bits. However, only
12-bits may be sent to the filter
output. The horizontal filter select
circuitry determines which 12-bits are
passed (see Table 1). The horizontal
select registers control the horizontal
select circuitry. There are sixteen
horizontal select registers. Each select
register is 5-bits wide and user-
programmable. HRSL3-0 determines
which of the sixteen horizontal select
registers are used in the horizontal
select circuitry. A value of 0 on
HRSL3-0 selects horizontal select
register 0. A value of 1 selects hori-
zontal select register 1 and so on.
HRSL3-0 may be changed every clock
cycle if desired. This allows the 12-bit
window to be changed every clock
cycle. This is useful when filtering
interleaved data. Select register
loading is discussed in the LF
InterfaceTM section.
Horizontal Limiting
An output limiting function is
provided for the output of the
horizontal filter. The horizontal limit
registers determine the valid range of
output values when limiting is
enabled (Bit 1 in Configuration
Register 5). There are sixteen 24-bit
horizontal limit registers. HRSL3-0
determines which horizontal limit
register is used during the limit
operation. A value of 0 on HRSL3-0
selects horizontal limit register 0. A
value of 1 selects horizontal limit
register 1 and so on. Each limit
register contains both an upper and
lower limit value. If the value fed to
the limiting circuitry is less than the
lower limit, the lower limit value is
passed as the filter output. If the
value fed to the limiting circuitry is
greater than the upper limit, the
upper limit value is passed as the
filter output. HRSL3-0 may be
changed every clock cycle if desired.
This allows the limit range to be
BITS
FUNCTION
DESCRIPTION
0
ALU Mode
0 : A + B
1: B – A
1
Pass A
0 : ALU Input A = 0
1 : ALU Input A = Forward Register Path
2
Pass B
0 : ALU Input B = 0
1 : ALU Input B = Reverse Register Path
11-3
Reserved
Must be set to “0”
TABLE 2.
CONFIGURATION REGISTER 0 – ADDRESS 200H
BITS
FUNCTION
DESCRIPTION
0
Odd-Tap Interleave Mode
0 : Odd-Tap Interleave Mode Disabled
1 : Odd-Tap Interleave Mode Enabled
4-1
I/D Register Length
0000:
1 Register
0001:
2 Registers
0010:
3 Registers
0011:
4 Registers
0100:
5 Registers
0101:
6 Registers
0110:
7 Registers
0111:
8 Registers
1000:
9 Registers
1001: 10 Registers
1010: 11 Registers
1011: 12 Registers
1100: 13 Registers
1101: 14 Registers
1110: 15 Registers
1111: 16 Registers
5
Horizontal Tap Number
0 : Even Number of Taps
1 : Odd Number of Taps
6
Horizontal Data Reversal
0 : Data Reversal Enabled
1 : Data Reversal Disabled
11-7
Reserved
Must be set to “0”
TABLE 3.
CONFIGURATION REGISTER 1 – ADDRESS 201H


Numéro de pièce similaire - LF3310QC15

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

Description similaire - LF3310QC15

FabricantNo de pièceFiches techniqueDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
   DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com