Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5616 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce 1N5616
Description  GLASS PASSIVATED SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N5616 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  1N5616 Datasheet HTML 1Page - Central Semiconductor Corp 1N5616 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5615
1N5621
1N5617
1N5623
1N5619
FAST RECOVERY
GLASS PASSIVATED
SILICON RECTIFIERS
1.0 AMP, 200 THRU 1000 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N5615 series
types are silicon rectifiers mounted in a hermetically
sealed, glass passivated package, designed for general
purpose applications where fast reverse recovery times
and high reliability is desired.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL 1N5615 1N5617 1N5619 1N5621 1N5623 UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
V
DC Blocking Voltage
VR
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
560
700
V
Average Forward Current (TA=55°C)
IO
1.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
50
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
0.5
μA
IR
VR=Rated VRRM, TA=100°C
25
μA
BVR
IR=50μA (1N5615)
220
V
BVR
IR=50μA (1N5617)
440
V
BVR
IR=50μA (1N5619)
660
V
BVR
IR=50μA (1N5621)
880
V
BVR
IR=50μA (1N5623)
1100
V
VF
IF=1.0A
1.2
V
CJ
VR=12V, f=130kHz
35
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5615, 1N5617)
150
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5619)
250
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5621)
300
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N5623)
500
ns
MARKING: FULL PART NUMBER
GPR-1A CASE
R1 (28-February 2013)
www.centr a lsemi.com


Numéro de pièce similaire - 1N5616

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
1N5616 GE-1N5616 Datasheet
51Kb / 2P
   GLASS PASSIVATED MEDIUM-SWITCHING JUNCTION RECTIFIER
logo
Central Semiconductor C...
1N5616 CENTRAL-1N5616 Datasheet
410Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Microsemi Corporation
1N5616 MICROSEMI-1N5616 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
logo
Sensitron
1N5616 SENSITRON-1N5616 Datasheet
79Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
logo
Microsemi Corporation
1N5616 MICROSEMI-1N5616 Datasheet
208Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results

Description similaire - 1N5616

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
JD100005 HY-JD100005_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
JD10001 HY-JD10001_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
logo
Central Semiconductor C...
1N4942 CENTRAL-1N4942 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5550 CENTRAL-1N5550 Datasheet
296Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5614 CENTRAL-1N5614 Datasheet
410Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RL1601 SEMTECH_ELEC-RL1601 Datasheet
260Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
RL201G SEMTECH_ELEC-RL201G Datasheet
240Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Central Semiconductor C...
1N5624 CENTRAL-1N5624 Datasheet
295Kb / 2P
   silicon glass passivated rectifiers
CPR1-010 CENTRAL-CPR1-010 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com