Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BVNQ-7 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BC847BVNQ-7
Description  COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BVNQ-7 Fiches technique(HTML) 1 Page - Diodes Incorporated

  BC847BVNQ-7 Datasheet HTML 1Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 2Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 3Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 4Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 5Page - Diodes Incorporated BC847BVNQ-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC847BVN
Document number: DS30627 Rev. 7 - 2
1 of 6
www.diodes.com
March 2015
© Diodes Incorporated
BC847BVN
COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Die Construction
Two Internally Isolated NPN/PNP Transistors in One Package
Ultra-Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT563
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish  Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.003 grams (Approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BC847BVN-7
AEC-Q101
KAW
7
8
3,000
BC847BVNQ-7
Automotive
KAW
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Bottom View
Device Schematic
Top View
C
1
Q
1
Q
2
B
2
E2
C2
E1
B1
KAW = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
KAW YM
SOT563
SOT563


Numéro de pièce similaire - BC847BVNQ-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC847BVNQ-7 DIODES-BC847BVNQ-7 Datasheet
396Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
More results

Description similaire - BC847BVNQ-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC847PN DIODES-BC847PN_08 Datasheet
94Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 12 - 2 November 2008
BC847PN DIODES-BC847PN_1 Datasheet
221Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 8 - 2
BC847BVN DIODES-BC847BVN Datasheet
228Kb / 4P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30627 Rev. 4 - 2
BC847BVNQ DIODES-BC847BVNQ Datasheet
396Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
February 2021 Rev. 1 - 2
BC847PN DIODES-BC847PN Datasheet
46Kb / 3P
   COMPLEMENTARY PAIR SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30278 Rev. 2 - 2
BC847PN DIODES-BC847PN_16 Datasheet
458Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR
DST847BPDP6 DIODES-DST847BPDP6 Datasheet
185Kb / 8P
   COMPLEMENTARY DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32036 Rev. 1 - 2
BC847PNQ DIODES-BC847PNQ Datasheet
491Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
MMDT4413 DIODES-MMDT4413_15 Datasheet
226Kb / 8P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
BC847PN DIODES-BC847PN_15 Datasheet
234Kb / 6P
   COMPLEMENTARY PAIR SMALL SIGNAL TRANSISTOR IN SOT363
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com