Moteur de recherche de fiches techniques de composants électroniques |
|
D-31M Fiches technique(PDF) 2 Page - Roithner LaserTechnik GmbH |
|
D-31M Fiches technique(HTML) 2 Page - Roithner LaserTechnik GmbH |
2 / 7 page 09.07.2012 D-31M 2 of 7 5. Appearance of the Driver and its Interface Fig.1.Appearance of the driver and its interface. 1. The jack for the LED connection. 2. Lookup table of switch position and pulse duration. (The table for switch position correlation with pulse duration) 3. The multiposition switch for adjusting the pulse duration. 4. The indicators of selected frequency. 5. The button of frequency selection. 6. The jack for the cable of AC/DC adapter. 7. The jack for synchronization cable. 8. The button of mode selection. 9. The start/stop button of LED power supply. 10. The LED current indicator. 11. The red LED indicator of failure of LED current. 12. The multiposition switch for adjusting the LED current. 13. The green LED indicator of pulse mode. 14. The green LED indicator of QCW mode. 15. Lookup table of switch position and LED current amplitude. (The table for switch position correlation with LED current amplitude) |
Numéro de pièce similaire - D-31M |
|
Description similaire - D-31M |