Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY228 Fiches technique(PDF) 1 Page - Rugao Dachang Electronics Co., Ltd

No de pièce BY228
Description  Damper Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DACHANG [Rugao Dachang Electronics Co., Ltd]
Site Internet  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd

BY228 Fiches technique(HTML) 1 Page - Rugao Dachang Electronics Co., Ltd

  BY228_15 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd BY228_15 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0(25.4)
MIN
.375(9.5)
.335(8.5)
1.0(25.4)
MIN
.220(5.6)
.197(5.0)
DIA
DIA
.052(1.3)
.048(1.2)
DO-27
Unit:inch(mm)
BY228
1500
1500
1050
15
130
5.0
1.5
10
BY228
SIYU R
BY228
300
65
V
μA
nS
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
典型热阻
Typical thermal resistance
工作结温和存储温度
Operating junction and storage temperature range
-55 --- +150
V
V
V
A
A
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
特征
Features
·反向漏电流低
Low reverse leakage
·正向浪涌承受能力较强
High forward surge capability
·高温焊接保证
High temperature soldering guaranteed:
260℃/10 秒, 0.375" (9.5mm)引线长度。
260℃/10 seconds, 0.375" (9.5mm) lead length,
·引线可承受
5 磅 (2.3kg) 拉力。 5 lbs. (2.3kg) tension
机械数据 Mechanical Data
·端子
: 镀锡轴向引线 Terminals: Plated axial leads
·极性
: 色环端为负极 Polarity: Color band denotes cathode end
·安装位置
: 任意 Mounting Position: Any
Tj, TSTG
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
符号
Symbols
单位
Unit
Reverse Voltage 1500V
Forward Current 5.0A
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大反向电流
TA= 25℃
最大反向恢复时间
IF=0.5A IR=1.0A IRR=0.25A
典型结电容
VR = 4.0V, f = 1MHz
IR
trr
Maximum reverse current
Type junction capacitance
符号
Symbols
单位
Unit
MAX. Reverse Recovery Time
VF
IF = 5.0A
最大正向电压
Maximum forward voltage
Cj
pF
RθJA
阻尼二极管
Damper Diodes
大昌电子
DACHANG ELECTRONICS
TA= 100℃
100
·引线和管体皆符合ROHS标准 。
Lead and body according with RoHS standard
反向电压
1500V
正向电流
5.0 A


Numéro de pièce similaire - BY228_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BY228-15 VISHAY-BY228-15 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY228-15 VISHAY-BY228-15 Datasheet
103Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
BY228-15 VISHAY-BY228-15 Datasheet
123Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 21-Feb-18
BY228-15 VISHAY-BY228-15 Datasheet
124Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
logo
Frontier Electronics.
BY228/15 FRONTIER-BY228/15 Datasheet
121Kb / 2P
   3A CLAMPER/DAMPER RECTIFIER
More results

Description similaire - BY228_15

FabricantNo de pièceFiches techniqueDescription
logo
SiPower Inc.
TBY328 SIPOWER-TBY328 Datasheet
270Kb / 2P
   Damper Diodes
TE2513 SIPOWER-TE2513 Datasheet
274Kb / 2P
   Damper Diodes
logo
Rugao Dachang Electroni...
FR309 DACHANG-FR309_15 Datasheet
120Kb / 2P
   Damper Diodes
logo
List of Unclassifed Man...
FMU-G2FS ETC-FMU-G2FS Datasheet
69Kb / 2P
   Damper Diodes
logo
Rugao Dachang Electroni...
RU4DS DACHANG-RU4DS_15 Datasheet
123Kb / 2P
   Damper Diodes
RU4D DACHANG-RU4D_15 Datasheet
123Kb / 2P
   Damper Diodes
logo
NXP Semiconductors
BY558 PHILIPS-BY558 Datasheet
66Kb / 8P
   Damper diodes
1998 Jun 25
logo
SiPower Inc.
TBY228 SIPOWER-TBY228 Datasheet
267Kb / 2P
   Damper Diodes
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
   High Voltage Damper Diodes
25-Jul-02
BYS459-1500S VISHAY-BYS459-1500S_07 Datasheet
142Kb / 5P
   High Voltage Damper Diodes
Revision: 06-Nov-07
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com