Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH251 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSH251
Description  Micropower CMOS Output Hall Effect Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH251 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSH251_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSH251_14 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSH251
Micropower CMOS Output Hall Effect Switch
3/8
Version: B14
Magnetic Specifications (TSH251CT)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating
Point
BOPS
S pole to branded side, B > BOP, VOUT On
--
30
55
Gauss
BOPN
N pole to branded side, B > BOP, VOUT On
-55
-30
--
Gauss
Release
Point
BRPS
S pole to branded side, B < BRP, VOUT Off
10
20
--
Gauss
BRPN
N pole to branded side, B < BRP, VOUT Off
--
-20
-10
Gauss
Hysteresis
BHYS
|BOPx - BRPx|
--
10
--
Gauss
Note: 1G (Gauss) = 0.1mT (millitesta)
Magnetic Specifications (TSH251CX)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Operating
Point
BOPS
N pole to branded side, B > BOP, VOUT On
--
30
55
Gauss
BOPN
S pole to branded side, B > BOP, VOUT On
-55
-30
--
Gauss
Release
Point
BRPS
N pole to branded side, B < BRP, VOUT Off
10
20
--
Gauss
BRPN
S pole to branded side, B < BRP, VOUT Off
--
-20
-10
Gauss
Hysteresis
BHYS
|BOPx - BRPx|
--
10
--
Gauss
Note: 1G (Gauss) = 0.1mT (millitesta)
Output Behavior versus Magnetic Pole
DC Operating Parameters: TA = -40 to 125
oC, V
CC = 1.8V ~ 6V
Parameter
Test condition
OUT
South pole
B<Bop[(-55)~(-10)]
Low
Null or weak magnetic field
B=0 or B < BRP
High
North pole
B>Bop(55~10)
Low
TO-92S
TSOT-23


Numéro de pièce similaire - TSH251_14

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
   Micropower CMOS Output Hall Effect Switch
More results

Description similaire - TSH251_14

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSH251 TSC-TSH251 Datasheet
415Kb / 8P
   Micropower CMOS Output Hall Effect Switch
logo
E-CMOS Corporation
EC2621 E-CMOS-EC2621 Datasheet
435Kb / 7P
   Micropower CMOS Output Hall Effect Switch
EC2622 E-CMOS-EC2622 Datasheet
303Kb / 6P
   Micropower CMOS Output Hall Effect Switch
logo
Shaoxing Devechip Micro...
SDC212 SDC-SDC212 Datasheet
452Kb / 10P
   MicroPower Hall-Effect Switch
SDC1215 SDC-SDC1215 Datasheet
555Kb / 10P
   MicroPower Hall-Effect Switch
SDC213 SDC-SDC213 Datasheet
432Kb / 10P
   MicroPower Hall-Effect Switch
SDC8312 SDC-SDC8312 Datasheet
279Kb / 7P
   MicroPower Hall-Effect Switch
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com