Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSG40N120CEC0 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSG40N120CEC0
Description  N-Channel IGBT with FRD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSG40N120CEC0 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSG40N120CEC0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSG40N120CEC0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSG40N120CE
N-Channel IGBT with FRD.
1/10
Version: B12
TO-264
PRODUCT SUMMARY
VCES (V)
VGES (V)
IC (A)
1200
±20
40
General Description
The TSG40N120CE using proprietary trench design and advanced NPT technology, the 1200V NPT IGBT offers
superior conduction and switching performances, high avalanche ruggedness and easy parallel operation. This
device is well suited for the resonant or soft switching application such as induction heating, microwave oven,
etc.
Features
1200V NPT Trench Technology
High Speed Switching
Low Conduction Loss
Block Diagram
NPT Trench IGBT
Ordering Information
Part No.
Package
Packing
TSG40N120CE C0
TO-264
25pcs / Tube
Absolute Maximum Rating (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Emitter Voltage
VCES
1200
V
Gate-Emitter Voltage
VGES
±20
V
Continuous Current
TC=25
oC
IC
64
A
TC=100
oC
40
A
Pulsed Collector Current *
ICM
120
A
Diode Forward Current (TC=100
)
IF
40
A
Diode Pulse Forward Current
IFM
240
A
Max Power Dissipation
TJ=25
oC
PD
208
W
TJ=100
oC
83
Operating Junction Temperature
TJ
-55 to +150
ºC
Storage Temperature Range
TSTG
-55 to +150
oC
* Repetitive rating: Pulse width limited by max. junction temperature
Pin Definition:
1. Gate
2. Collector
3. Emitter


Numéro de pièce similaire - TSG40N120CEC0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
More results

Description similaire - TSG40N120CEC0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSG60N100CE TSC-TSG60N100CE Datasheet
431Kb / 9P
   N-Channel IGBT with FRD
TSG40N120 TSC-TSG40N120 Datasheet
661Kb / 10P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD
TSG25N120CN TSC-TSG25N120CN Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120CN TSC-TSG15N120CN Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG60N100 TSC-TSG60N100 Datasheet
431Kb / 9P
   N-Channel IGBT with FRD.
TSG15N120 TSC-TSG15N120 Datasheet
450Kb / 9P
   N-Channel IGBT with FRD.
TSG25N120 TSC-TSG25N120 Datasheet
417Kb / 9P
   N-Channel IGBT with FRD.
logo
Advanced Power Electron...
AP30G120SW A-POWER-AP30G120SW Datasheet
93Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
AP05G120SW-HF A-POWER-AP05G120SW-HF Datasheet
59Kb / 3P
   N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR WITH FRD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com