Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSC5804D Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TSC5804D
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5804D Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC5804D_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5804D_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5804D_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC5804D_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC5804D_15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC5804D_15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSC5804D
Taiwan Semiconductor
Document Number: DS_P0000181
1
Version: B15
High Voltage Fast-Switching NPN Power Transistor
FEATURES
High Voltage Capability
Fast Switching Speed
Pb-free plating
RoHS compliant
Halogen-free mold compound
APPLICATION
Electronic Ballast
Switch mode power supply
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
BVCEO
450
V
BVCBO
1050
V
IC
5
A
VCE(SAT)
IC=1A, IB=0.2A
0.5
V
TO-251
(IPAK)
TO-252
(DPAK)
Notes: Moisture sensitivity level: level 3. Per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-Base Voltage
VCBO
1050
V
Collector-Emitter Voltage @ VBE=0V
VCES
450
V
Emitter-Base Voltage
VEBO
15
V
Collector Current
IC
5
A
Collector Peak Current (tp <5ms)
ICM
8
A
Base Current
IB
2
A
Base Peak Current (tp <5ms)
IBM
4
A
Power Total Dissipation @ TA=25ºC
PDTOT
45
W
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
2.78
oC/W
Junction to Ambient Thermal Resistance
RӨJA
100
oC/W


Numéro de pièce similaire - TSC5804D_15

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSC5804DCHC5G TSC-TSC5804DCHC5G Datasheet
144Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
TSC5804DCPROG TSC-TSC5804DCPROG Datasheet
144Kb / 5P
   High Voltage Fast-Switching NPN Power Transistor
More results

Description similaire - TSC5804D_15

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com