Moteur de recherche de fiches techniques de composants électroniques |
|
TS29152CM5RN Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd |
|
TS29152CM5RN Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd |
4 / 8 page TS29152 1.5A Ultra Low Dropout Voltage Regulator 4/8 Version: B13 Function Description The TS29152 is high performance with low dropout voltage regulator suitable for moderate to high current and voltage regulator application. Its 350mA(typ) dropout voltage at full load and over temperature makes it especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout voltage, dropout performance of the PNP output of these devices is limited only by low VCE saturation voltage. The TS29152 is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the maximum safe operating temperature. Transient protection allows device survival even when the input voltage spikes above and below nominal. The output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow. Capacitor Requirement The TS29152 requires an output capacitor to maintain stability and improve transient response is necessary. The value of this capacitor is dependent upon the output current, lower currents allow smaller capacitors. TS29152 regulators are stable with the 10uF minimum capacitor value at full load. Where the regulator is powered from a source with high AC impedance, a 0.1uF capacitor connected between input and ground is recommended. The capacitor should have good characteristics to above 250KHz. The capacitance values will be help to improved transient response, ripple rejection and output noise. Minimum Load Current The TS29152 is specified between finite loads. If the output current is too small leakage currents dominate and the output voltage rises. A 10mA minimum load current swamps any expected leakage current across the operating temperature range. Thermal Characteristics TS29152 linear regulators are simple to use, the most complicated design parameters to consider are thermal characteristics, thermal design requires the following application specification parameters: * Maximum ambient temperature, Ta * Output current, IOUT * Output voltage, VOUT * Input voltage, VIN We calculate the power dissipation of the regulator from these numbers and the device parameters from this data sheet. A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. Under all possible operating conditions, the junction temperature must be within the range specified under absolute maximum ratings. To determine if the heatsink is required, the power dissipated by the regulator, PD must be calculated. The below formula shows the voltages and currents for calculating the PD in the regulator: IIN = IL / IG PD = (VIN - VOUT) * IL + (VIN) * IG Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA = 400mW + 36mW = 436mW Remark: IL is output load current, IG is ground current. VIN is input voltage VOUT is output voltage |
Numéro de pièce similaire - TS29152CM5RN |
|
Description similaire - TS29152CM5RN |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |