Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS29152 Fiches technique(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS29152
Description  1.5A Ultra Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29152 Fiches technique(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS29152_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29152_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS29152
1.5A Ultra Low Dropout Voltage Regulator
7/8
Version: B13
TO-263-5L Mechanical Drawing
Unit: Millimeters
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code


Numéro de pièce similaire - TS29152_13

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS29152CM5 TSC-TS29152CM5 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29152CM5RN TSC-TS29152CM5RN Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS29152CZ5 TSC-TS29152CZ5 Datasheet
468Kb / 11P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS29152CZ5C0 TSC-TS29152CZ5C0 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
More results

Description similaire - TS29152_13

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
XR71211 EXAR-XR71211 Datasheet
1Mb / 12P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152 Datasheet
180Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150 Datasheet
419Kb / 15P
   1.5A ULTRA LOW-DROPOUT REGULATOR
logo
Silicon Standard Corp.
SS8053G SSC-SS8053G Datasheet
444Kb / 3P
   1.5A Ultra Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com