Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS19450CSRLG Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS19450CSRLG
Description  AC/DC WLED Driver with External MOSFET Universal High Brightness
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19450CSRLG Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS19450CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19450CSRLG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS19450
Taiwan Semiconductor
Document Number: DS_P0000187
3
Version: B15
ELECTRICAL SPECIFICATIONS (T
A= 25
oC, V
IN= 12V, unless otherwise noted)
(Note 4)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNIT
Current Sense Comparator
Current Sense Pull-in Threshold
Voltage
VCSTH
-40ºC < TA < +85ºC
225
250
275
mV
TA < +125ºC
213
250
287
Offset Voltage for LD
Comparator
VOFFSET
-12
--
12
mV
Current Sense Blanking Interval
TBLANK
VLD=VDD , VCS=0.55VLD
150
215
280
ns
Delay to Output
TDELAY
VIN=12V, VLD=0.15V,
VCS=0~0.22V after
TBLANK
--
--
300
ns
Oscillator
Oscillator Frequency
fOSC
RT=1MΩ
20
25
30
kHz
RT=223kΩ
80
100
120
Max. Oscillator PWM Duty Cycle
DMAX
F=25kHz at Gate, CS to
GND
--
--
100
%
Gate Driver
Gate Sourcing Current
ISOURCE
VGATE=0V, VDD=7.5V
165
--
--
mA
Gate Sinking Current
ISINK
VGATE=VDD, VDD=7.5V
165
--
--
mA
Gate High Output Voltage
VGATE(HI)
IOUT=-10mA
VDD-
0.3
--
VDD
V
Gate Low Output Voltage
VGATE(LO)
IOUT=10mA
0
--
0.3
V
Gate Output Rise Time
TRISE
CGATE=500pF, 10%~90%
VGATE
--
30
50
ns
Gate Output Fall Time
TFALL
CGATE=500pF, 90%~10%
VGATE
--
30
50
ns
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may remain possibility to affect device reliability.
2.
Limited by package power dissipation, whichever is lower.
3.
Thermal Resistance is specified with the component mounted on a low effective thermal conductivity test board
in free air at TA=25°C.
4.
Denotes the specifications which apply over the full operating ambient temperature range of -40ºC<TA<+125ºC.
5.
VDD load current external to the TS19450.


Numéro de pièce similaire - TS19450CSRLG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Description similaire - TS19450CSRLG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com