Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS431ARCX-ZRFG Fiches technique(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS431ARCX-ZRFG
Description  Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ARCX-ZRFG Fiches technique(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS431ARCX-ZRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS431ARCX-ZRFG Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TS431-Z
Adjustable Precision Shunt Regulator
9/10
Version: C14
SOT-23 Mechanical Drawing
Unit: Millimeters
Marking Diagram
Rx = Device Code
R1 = TS431A (
±1%)
RA = TS431AR (
±1%)
R2 = TS431B (
±0.5%)
Y
= Year Code
2 = 2012, 3 = 2012, 4 = 2014 ………….
W = Week Code
01 ~ 26 (A~Z)
27 ~ 52 (a ~ z)
X
= Internal ID Code


Numéro de pièce similaire - TS431ARCX-ZRFG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS431ARIX-ZRFG TSC-TS431ARIX-ZRFG Datasheet
449Kb / 7P
   2.495V Programmable Shunt Voltage Reference
More results

Description similaire - TS431ARCX-ZRFG

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com