Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7540DP Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI7540DP
Description  N- and P-Channel 12-V (D-S) MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7540DP Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI7540DP_15 Datasheet HTML 1Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 2Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 3Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 4Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 5Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 6Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 7Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 8Page - Vishay Siliconix SI7540DP_15 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
Si7540DP
Document Number: 71911
S09-0227-Rev. F, 09-Feb-09
www.vishay.com
1
N- and P-Channel 12-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFETs
New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
PWM Optimized for High Efficiency
100 % Rg Tested
APPLICATIONS
Point-of-Load Synchronous Rectifier
- 5 V or 3.3 V BUS Step Down
- Qg Optimized for 500 kHz Operation
Synchronous Buck, Shoot-Thru Resistant
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
N-Channel
12
0.017 at VGS = 4.5 V
11.8
0.025 at VGS = 2.5 V
9.8
P-Channel
- 12
0.032 at VGS = - 4.5 V
- 8.9
0.053 at VGS = - 2.5 V
- 6.9
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
6.15 mm
5.15 mm
Bottom View
PowerPAK SO-8
Ordering Information: Si7540DP-T1-E3 (Lead (Pb)-free)
Si7540DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
D1
G1
S1
S2
G2
D2
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Solder Profile (
www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
N-Channel
P-Channel
Unit
10 s
Steady
10 s
Steady
Drain-Source Voltage
VDS
12
- 12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
11.8
7.6
- 8.9
- 5.7
A
TA = 70 °C
9.5
6.1
- 7.1
- 4.6
Pulsed Drain Current
IDM
20
Continuous Source Current (Diode Conduction)a
IS
2.9
1.1
- 2.9
- 1.1
Maximum Power Dissipationa
TA = 25 °C
PD
3.5
1.4
3.5
1.4
W
TA = 70 °C
2.2
0.9
2.2
0.9
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b,c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N-Channel
P-Channel
Unit
Typical
Maximum
Typical
Maximum
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
26
35
26
35
°C/W
Steady State
60
85
60
85
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.9
5.5
3.9
5.5


Numéro de pièce similaire - SI7540DP_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7540DP-T1-E3 VISHAY-SI7540DP-T1-E3 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SI7540DP-T1-GE3 VISHAY-SI7540DP-T1-GE3 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SI7540DP VISHAY-SI7540DP_V01 Datasheet
366Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7540DP_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com