Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1683A Fiches technique(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1683A
Description  SAW Filter 2530 MHz 20MHz BW SMD 3.0x3.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1683A Fiches technique(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1683A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1683A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 2530 MHz 20MHz BW SMD 3.0x3.0 mm
TST Parts No.:TA1683A
Customer Parts No.:
Customer signature required
Company:
Division:
Approved by :
Date:
Checked by:
Andy Yu
Approval by:
Bob Chau
Date:
2013/12/13
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes


Numéro de pièce similaire - TA1683A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1683A GOLLEDGE-TA1683A Datasheet
309Kb / 6P
   SAW Filter 2530.0MHz
More results

Description similaire - TA1683A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1684B TAI-SAW-TA1684B Datasheet
966Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TA1684A TAI-SAW-TA1684A Datasheet
368Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
TA1413C TAI-SAW-TA1413C Datasheet
407Kb / 7P
   SAW Filter 1128 MHz SMD 3.0X3.0 mm(BW=34 MHz)
TA2033BA3110 TAI-SAW-TA2033BA3110 Datasheet
745Kb / 7P
   SAW Filter 1505 MHz BW 26 MHz SMD 3.0X3.0 mm
TA0676B TAI-SAW-TA0676B Datasheet
137Kb / 7P
   SAW Filter 1592.5 MHz 43MHz BW SMD 3.0X3.0 mm
TA0638C TAI-SAW-TA0638C Datasheet
599Kb / 7P
   SAW Filter 1590 MHz SMD 3.0X3.0 mm(BW=59MHz)
TA2617A TAI-SAW-TA2617A Datasheet
545Kb / 8P
   SAW Filter 1133 MHz SMD 3.0X3.0 mm(BW=35MHz)
TA1464B TAI-SAW-TA1464B Datasheet
392Kb / 8P
   SAW Filter 1575.42 MHz SMD 3.0X3.0 mm(BW=2MHz)
TA2661A TAI-SAW-TA2661A Datasheet
348Kb / 7P
   SAW Filter 1045 MHz SMD 3.0X3.0 mm(BW=10MHz)
TE0142A TAI-SAW-TE0142A Datasheet
696Kb / 6P
   SAW Filter 1583 MHz SMD 3.0X3.0 mm (BW 48 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com