Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1609A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1609A
Description  SAW Filter 781.5 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1609A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1609A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1609A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1609A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1609A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1609A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1609A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE:


Numéro de pièce similaire - TA1609A

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
TA160-08B BOTHHAND-TA160-08B Datasheet
249Kb / 1P
   10 BASE-T TRANSFORMER MODULE
logo
Transcom, Inc.
TA160-180-25-27 TRANSCOM-TA160-180-25-27 Datasheet
18Kb / 1P
   16 - 18 GHz 27 dBm Amplifier
TA160-180-50-10 TRANSCOM-TA160-180-50-10 Datasheet
17Kb / 1P
   16 - 18 GHz 10 dBm Power Amplifier
logo
Transko Electronics, In...
TA16004AV TRANSKO-TA16004AV Datasheet
541Kb / 4P
   160.00 MHz IF SAW Filter / 4.54 MHz Bandwidth
Revision 0: 04. Apr. 2008
TA16015AD1 TRANSKO-TA16015AD1 Datasheet
568Kb / 4P
   160.0 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 17. DEC. 2009
More results

Description similaire - TA1609A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1017A TAI-SAW-TA1017A Datasheet
372Kb / 6P
   SAW Filter 781.5 MHz
logo
TriQuint Semiconductor
856764 TRIQUINT-856764_15 Datasheet
411Kb / 6P
   781.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1239A TAI-SAW-TA1239A Datasheet
459Kb / 6P
   SAW Filter 781.5 MHz
TA1017B TAI-SAW-TA1017B Datasheet
402Kb / 6P
   SAW Filter 781.5 MHz
logo
Golledge Electronics Lt...
MP02750 GOLLEDGE-MP02750 Datasheet
119Kb / 5P
   SAW Filter 781.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com