Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM-104-E130 Datasheet(Fiches technique) 1 Page - Roithner LaserTechnik GmbH

Numéro de pièce LM-104-E130
Description  IR Diode Laser Module
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LM-104-E130 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LM-104-E130 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LM-104-E130 Datenblatt HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06.07.2011
LM-104-E130
1 of 2
LM-104-E130
TECHNICAL DATA
IR Diode Laser Module
LM-104-E130 is a multi purpose, low cost, small size infrared diode laser module, featuring a brass
housing with embedded focusable lens, and driver electronics.
Features
• Small size (Ø 9.8 x 26.0 mm)
• Focusable
• Low current consumption
Specifications (Tc=25°C, Po<3mW, Vcc=3V)
Min.
Typ.
Max.
Unit
Optical
CW Output Power PO
4
-
6
mW
Center Wavelength
λ
C
870
880
890
nm
Output Aparture
3.5 x 1.7 (±0.5 mm)
mm
Beam Size at 6M
10 … 15
mm
Electrical
Current draw
-
25
40
mA
Supply voltage
3
-
5
V
General
Body
Brass
Dimensions
9.8 x 26
mm
Lens
Acryl
Life time
h
Wire
26 AWG PVC-Free
Nihon Genma Solder (Lead-Free)
NP303YS RMA 0.8mm
Solder
NP601SZ 555 GK
Operating temperature
0 … +40
°C
Operating humidity (relative humidity)
40 … 95
%
Storage temperature
-25 … +70
°C
Storage humidity (relative humidity)
20 … 80
%
The above specifications are for reference purpose only and subjected to change without prior notice


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn