Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM-103-C004 Datasheet(Fiches technique) 1 Page - Roithner LaserTechnik GmbH

Numéro de pièce LM-103-C004
Description  635nm Diode Laser Module
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LM-103-C004 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LM-103-C004 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LM-103-C004 Datenblatt HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM-103-C004
635nm Diode Laser Module
Multi purpose, high quality, low cost red laser diode line generating module. Driver electronics already
included. Laser class IIIA device
Specifications (25°C)
Min.
Typ.
Max.
Unit
Optical
CW Output Power PO
1.5
3.0
mW
Center Wavelength
λ
C
620
635
640
nm
Output Aparture
3.5 x 1.7 (+/-0.5)
mm
Beam Size at 6M
10 ..15
mm
Electrical
Current draw
-
28
50
mA
Supply voltage
2.8
-
3.4
VDC
General
Body
Brass
Lens
Acryl
Life time
3000
h
Wire
26 AWG PVC-Free
Nihon Genma Solder (Lead-Free)
NP303
Solder
NP601
Operating temperature
0 … +40
°C
Operating humidity (relative humidity)
20 …80 (no condense)
%
Storage temperature
-25 … +70
°C
Storage humidity (relative humidity)
40 …95
%


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn