Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM-102-H130 Datasheet(Fiches technique) 2 Page - Roithner LaserTechnik GmbH

Numéro de pièce LM-102-H130
Description  IR Diode Laser Module
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROITHNER [Roithner LaserTechnik GmbH]
Site Internet  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LM-102-H130 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LM-102-H130 Datenblatt HTML 1Page - Roithner LaserTechnik GmbH LM-102-H130 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06.07.2011
LM-102-H130
2 of 2
Outline Dimension
Unit: mm, default tolerance : 0.3
Cautions
1. Do not operate the device above the maximum rating condition, even momentarily. It may
cause unexpected permanent damage to the device.
2. Semiconductor laser device is very sensitive to electrostatic discharge. High voltage spike
current may change the characteristics of the device, or malfunction at any time during its
sercice periode. Therefor, proper measures for precenting electrostatic discharge are strongly
recommended.
3. Do not look into the laser beam directly with the naked eyes. The laser beam may cause
severe damage to human eyes.
4. The laser module is emitting invisible light.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn