Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA679-GS08 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce BA679-GS08
Description  RF PIN Diodes - Single in MiniMELF SOD-80
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA679-GS08 Fiches technique(HTML) 2 Page - Vishay Siliconix

  BA679-GS08 Datasheet HTML 1Page - Vishay Siliconix BA679-GS08 Datasheet HTML 2Page - Vishay Siliconix BA679-GS08 Datasheet HTML 3Page - Vishay Siliconix BA679-GS08 Datasheet HTML 4Page - Vishay Siliconix BA679-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BA679, BA679S
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 16-May-12
2
Document Number: 85529
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Differential Forward Resistance vs. Forward Current
Fig. 3 - Typ. Cross Modulation Distortion vs. Frequency f2
0
0.4
0.8
1.2
1.6
0.01
0.1
1
10
100
2.0
95 9735
VF - Forward Voltage (V)
Tamb = 25 °C
Scattering Limit
0.001
0.01
0.1
1
1
10
100
1000
10 000
10
95 9734
IF - Forward Current (mA)
f > 20 MHz
Tj = 25 °C
- 80
- 60
- 40
- 20
0
20
f2 , modulated with 200 kHz, m = 100 % (MHz)
80
60
40
20
0
95 9733
- Circuit with 10 dB Attenuation
V0 =40dBmV
f1 = 100 MHz unmodulated
Π


Numéro de pièce similaire - BA679-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
More results

Description similaire - BA679-GS08

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BA679S-GS08 VISHAY-BA679S-GS08 Datasheet
83Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
BA679-GS08 VISHAY-BA679-GS08 Datasheet
81Kb / 4P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.8, 16-May-12
BA679-M VISHAY-BA679-M Datasheet
95Kb / 4P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.0, 02-Mar-15
BA679-M VISHAY-BA679-M_V01 Datasheet
88Kb / 4P
   RF PIN Diodes - Single in MiniMELF (SOD-80)
01-Jan-2022
BA679 VISHAY-BA679_10 Datasheet
113Kb / 5P
   RF PIN Diodes - Single in MiniMELF SOD-80
Rev. 1.7, 05-Aug-10
BA679 VISHAY-BA679_V01 Datasheet
87Kb / 4P
   RF PIN Diodes - Single in MiniMELF (SOD-80)
01-Jan-2022
S391D VISHAY-S391D_06 Datasheet
78Kb / 4P
   RF PIN Diode - Single in MiniMELF SOD-80
Rev. 1.5, 16-Mar-06
S391D VISHAY-S391D_10 Datasheet
107Kb / 4P
   RF PIN Diode - Single in MiniMELF SOD-80
Rev. 1.6, 16-Jul-10
BA979S-GS18 VISHAY-BA979S-GS18 Datasheet
100Kb / 4P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.6, 21-May-12
BA979 VISHAY-BA979_10 Datasheet
213Kb / 5P
   RF PIN Diodes - Single in QuadroMELF SOD-80
Rev. 1.5, 05-Aug-10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com