Moteur de recherche de fiches techniques de composants électroniques |
|
BAS521LP-7B Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
BAS521LP-7B Fiches technique(HTML) 3 Page - Diodes Incorporated |
3 / 4 page BAS521LP Document number: DS32176 Rev. 6 - 2 3 of 4 www.diodes.com April 2015 © Diodes Incorporated BAS521LP 0.1 1 10 100 1,000 10,000 100,000 0 50 100 150 200 250 300 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R T = - ºC A 55 T = 25ºC A T = 5ºC A 8 T = 125ºC A T = 150ºC A 0 0.2 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 Package Outline Dimensions Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. Suggested Pad Layout Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. X1-DFN1006-2 Dim Min Max Typ A 0.47 0.53 0.50 A1 0 0.05 0.03 b 0.45 0.55 0.50 D 0.95 1.075 1.00 E 0.55 0.675 0.60 e - - 0.40 L 0.20 0.30 0.25 R 0.05 0.15 0.10 All Dimensions in mm Dimensions Value (in mm) C 0.70 G 0.30 X 0.40 X1 1.10 Y 0.70 L E b R e D A1 A X1 Y C X G |
Numéro de pièce similaire - BAS521LP-7B |
|
Description similaire - BAS521LP-7B |