Moteur de recherche de fiches techniques de composants électroniques |
|
BAS521LP-7B Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
BAS521LP-7B Fiches technique(HTML) 2 Page - Diodes Incorporated |
2 / 4 page BAS521LP Document number: DS32176 Rev. 6 - 2 2 of 4 www.diodes.com April 2015 © Diodes Incorporated BAS521LP Maximum Ratings (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Value Unit Repetitive Peak Reverse Voltage VRRM 325 V Working Peak Reverse Voltage DC Blocking Voltage VRWM VR 325 V Forward Current (Note 5) IF 400 mA Non-Repetitive Peak Forward Surge Current @ t = 1.0µs IFSM 8.0 A Repetitive Peak Forward Current @ t=8.3ms (Note 5) IFRM 3.0 A Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 5) PD 400 mW Thermal Resistance Junction to Ambient Air (Note 5) RθJA 312 °C/W Operating and Storage Temperature Range TJ, TSTG -65 to +150 °C Electrical Characteristics (@TA = +25°C, unless otherwise specified.) Characteristic Symbol Min Max Unit Test Condition Reverse Breakdown Voltage (Note 6) V(BR)R 300 V IR = 100µA Forward Voltage VF 1.1 V IF = 100mA Reverse Current (Note 6) IR 50 150 100 nA nA µA VR = 5V VR = 250V VR = 250V, TJ = +150°C Total Capacitance CT 5 pF VR = 0, f = 1.0MHz Reverse Recovery Time trr 50 ns IF = IR = 30mA, Irr = 0.1 x IR, RL = 100 Notes: 5. Part mounted on FR-4 board with recommended pad layout, which can be found on our website at http://www.diodes.com. 6. Short duration pulse test used to minimize self-heating effect. 0 125 175 300 100 200 0 T , AMBIENT TEMPERATURE ( C) A ° Fig. 1 Power Derating Curve 25 100 50 75 150 50 150 250 400 350 Note 5 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics F 0.1 1 10 100 1,000 |
Numéro de pièce similaire - BAS521LP-7B |
|
Description similaire - BAS521LP-7B |