Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1391A Fiches technique(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1391A
Description  SAW Filter 2595 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1391A Fiches technique(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1391A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1391A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
: Year Code (2009->9, 2010->0,…, 2018->8)
: Date Code (W01->A,W02->B,…W27->a,…,W52->z)
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3 ,4,6
2 : Input
5 : Output
1,3,4,6 : Ground
Unit : mm


Numéro de pièce similaire - TA1391A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1391A GOLLEDGE-TA1391A Datasheet
168Kb / 6P
   SAW Filter 2595.0MHz
More results

Description similaire - TA1391A

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
SF2240E MURATA-SF2240E Datasheet
486Kb / 6P
   2595 MHz SAW Filter
SF2241E MURATA-SF2241E Datasheet
844Kb / 6P
   2595 MHz SAW Filter
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
   2595 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1236A TAI-SAW-TA1236A Datasheet
364Kb / 8P
   SAW Filter 2595 MHz
TA1391B TAI-SAW-TA1391B Datasheet
408Kb / 8P
   SAW Filter 2595 MHz
TA1626A TAI-SAW-TA1626A Datasheet
229Kb / 7P
   SAW Filter 2595 MHz
logo
TriQuint Semiconductor
885026 TRIQUINT-885026_15 Datasheet
550Kb / 6P
   2595 MHz BAW Filter
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
   2595 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2405B TAI-SAW-TA2405B Datasheet
880Kb / 10P
   SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
TA2405A TAI-SAW-TA2405A Datasheet
878Kb / 10P
   SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com