Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS15PL06G Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS15PL06G
Description  15A, 600V - 800V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS15PL06G Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS15PL06G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS15PL06G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS15PL06G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS15PL06G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low Forward drop enhance the efficiency
- Oxide Planar chip junction
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
General purpose use in AC/DC bridge full wave rectification.
Especially for high efficiency desktop, telecom, server,
white goods, home appliances, TV game console SMPS.
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411010
Version: D15
800
560
800
0.90
0.93
V
VF
Maximum instantaneous forward voltage (Note 1)
IF= 7.5A
A
2
Operating junction temperature range
- 55 to +150
Peak forward surge current, 1 ms single half sine-wave
superimposed on rated load
IFSM
630
A
Note 1: Pulse test with PW=300μs, 1% duty cycle
Maximum DC reverse current
TJ=25°C
at rated DC blocking voltage
TJ=125°C
IR
5
150
μA
Storage temperature range
- 55 to +150
Typical thermal resistance
Rating for fusing (t<8.3ms)
166
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
Maximum average forward rectified current
15
Maximum DC blocking voltage
600
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
TS15PL05G
TS15PL06G
600
420
TS-6P
MECHANICAL DATA
Case:
TS-6P
Polarity:
Polarity as marked on the body
TYPICAL APPLICATIONS
PARAMETER
SYMBOL
Weight:
7.15g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
TS15PL05G - TS15PL06G
Taiwan Semiconductor
Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
15A, 600V - 800V
Mounting torque:
Maximum 0.8Nm; 0.5Nm is recommended
+
~
~ -


Numéro de pièce similaire - TS15PL06G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G Datasheet
49Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
224Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
139Kb / 2P
   Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
219Kb / 4P
   Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G Datasheet
207Kb / 4P
   15A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Description similaire - TS15PL06G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05 Datasheet
207Kb / 4P
   15A, 600V Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
TS25PL05G TSC-TS25PL05G Datasheet
219Kb / 4P
   25A, 600V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
logo
Vishay Siliconix
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifier
01-Jan-2022
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05_16 Datasheet
218Kb / 4P
   Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
logo
Vishay Siliconix
LVB1560 VISHAY-LVB1560_V01 Datasheet
113Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE2560 VISHAY-LVE2560 Datasheet
119Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 09-Jul-2020
LVB1560 VISHAY-LVB1560 Datasheet
90Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560 Datasheet
91Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560_V01 Datasheet
114Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE1560 VISHAY-LVE1560_V01 Datasheet
120Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com