Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT1468 Fiches technique(PDF) 6 Page - Linear Technology

No de pièce LT1468
Description  90MHz, 22V/us 16-Bit Accurate Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1468 Fiches technique(HTML) 6 Page - Linear Technology

Back Button LT1468 Datasheet HTML 2Page - Linear Technology LT1468 Datasheet HTML 3Page - Linear Technology LT1468 Datasheet HTML 4Page - Linear Technology LT1468 Datasheet HTML 5Page - Linear Technology LT1468 Datasheet HTML 6Page - Linear Technology LT1468 Datasheet HTML 7Page - Linear Technology LT1468 Datasheet HTML 8Page - Linear Technology LT1468 Datasheet HTML 9Page - Linear Technology LT1468 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1468
TYPICAL PERFOR A CE CHARACTERISTICS
Output Short-Circuit Current
vs Temperature
Settling Time to 0.01%
vs Output Step, VS = ±15V
Output Voltage Swing
vs Supply Voltage
Output Voltage Swing
vs Load Current
SUPPLY VOLTAGE (
±V)
0
1
V
4
3
2
–4
–3
–2
V +
–1
5
1468 G10
10
15
20
RL = 2k
RL = 10k
RL = 2k
TA = 25°C
RL = 10k
OUTPUT CURRENT (mA)
–20
V 0.5
1.0
2.0
2.5
V+ – 0.5
–2.0
–10
0
5
1468 G11
1.5
–1.5
–1.0
–2.5
–15
– 5
10
15
20
VS = ±15V
85
°C
85
°C
40
°C
25
°C
25
°C
–40
°C
TEMPERATURE (
°C)
–50
10
15
25
30
35
60
45
0
50
75
1468 G12
20
50
55
40
–25
25
100
125
VS = ±15V
VIN = ±0.2V
SOURCE
SINK
SETTLING TIME (ns)
0
2
6
10
800
1468 G13
–2
–6
0
4
8
–4
–8
–10
200
400
600
1000
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±15V
RL = 1k
Settling Time to 0.01%
vs Output Step, VS = ±5V
SETTLING TIME (ns)
300
1
3
5
700
1468 G14
–1
–3
0
2
4
–2
–4
–5
400
500
600
800
AV = –1
AV = –1
AV = 1
AV = 1
VS = ±5V
RL = 1k
Settling Time to 150
µV
vs Output Step
SETTLING TIME (ns)
0
2
6
10
800
1468 G15
–2
–6
0
4
8
–4
–8
–10
200
400
600
1000
VS = ±15V
AV = –1
RF = RG = 2k
CF = 8pF
Output Impedance vs Frequency
FREQUENCY (Hz)
0.01
0.1
1
10
100
10k
1M
10M
100M
1468 G19
0.001
100k
VS = ±15V
TA = 25°C
AV = 100
AV = 10
AV = 1
SUPPLY VOLTAGE (
±V)
0
90
92
94
20
1468 G17
88
86
82
5
10
15
84
98
96
36
38
40
34
32
28
30
44
42
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
PHASE MARGIN
GAIN BANDWIDTH
Gain Bandwidth and Phase
Margin vs Supply Voltage
TEMPERATURE (
°C)
–55
84
86
90
92
94
104
98
0
50
75
1468 G18
88
100
102
96
26
28
32
34
36
46
40
30
42
44
38
–25
25
100
125
VS = 5V
VS = ±5V
VS = 15V
VS = ±15V
GAIN BANDWIDTH
PHASE MARGIN
Gain Bandwidth and Phase
Margin vs Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn