Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1193A Fiches technique(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1193A
Description  SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1193A Fiches technique(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1193A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1193A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1193A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1193A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1193A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1193A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1193A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
F. PACKING:
1. REEL DIMENSION
(Reel Count : 7”=3000 )
2.TAPE DIMENSION
Direction of Feed


Numéro de pièce similaire - TA1193A

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
TA1193A GOLLEDGE-TA1193A Datasheet
144Kb / 6P
   SAW Filter 2017.50MHz
More results

Description similaire - TA1193A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1177A TAI-SAW-TA1177A Datasheet
153Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TA1126A TAI-SAW-TA1126A Datasheet
155Kb / 7P
   SAW Filter 2017.5MHz 15 MHz BW SMD 1.4X1.1 mm
TE0117A TAI-SAW-TE0117A Datasheet
241Kb / 7P
   SAW Filter 1900/2017.5MHz (BW 40/15MHz) SMD 3.0x3.0 mm
TB0963A TAI-SAW-TB0963A Datasheet
320Kb / 8P
   SAW Filter 140MHz 15MHz BW (SMD 5.0횞7.0 mm)
logo
SIPAT Co,Ltd
LBT201803 SIPAT-LBT201803 Datasheet
165Kb / 3P
   2017.5MHz SAW Filter 15MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA2384A TAI-SAW-TA2384A Datasheet
415Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=26MHz)
TA0918A TAI-SAW-TA0918A Datasheet
151Kb / 7P
   SAW Filter 1575.42MHz 2MHz BW SMD 1.4X1.1 mm
TA1689A TAI-SAW-TA1689A Datasheet
237Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
TA1701A TAI-SAW-TA1701A Datasheet
346Kb / 8P
   SAW Filter 897MHz 34.2MHz BW SMD 1.4X1.1 mm
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com