Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1145A Fiches technique(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

No de pièce TA1145A
Description  SAW Filter 1842.5 MHz BW35MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Site Internet  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1145A Fiches technique(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1145A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1145A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 5 -
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
E.PCB FOOTPRINT:


Numéro de pièce similaire - TA1145A

FabricantNo de pièceFiches techniqueDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1143A TAI-SAW-TA1143A Datasheet
361Kb / 7P
   SAW Rx Filter 722MHz LTE Band 29 SMD 1411
TA1147A TAI-SAW-TA1147A Datasheet
427Kb / 5P
   SAW Filter 1567.5 MHz
TA1148A TAI-SAW-TA1148A Datasheet
441Kb / 6P
   SAW Filter 932 MHz
logo
Bruckewell Technology L...
TA114ECA BWTECH-TA114ECA Datasheet
387Kb / 5P
   Digital Transistor
More results

Description similaire - TA1145A

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
855860 TRIQUINT-855860_15 Datasheet
515Kb / 5P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934_15 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856079 TRIQUINT-856079 Datasheet
466Kb / 7P
   1842.5 MHz SAW Filter
856575 TRIQUINT-856575 Datasheet
584Kb / 7P
   1842.5 MHz SAW Filter
855860 TRIQUINT-855860 Datasheet
417Kb / 5P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1324A TAI-SAW-TA1324A Datasheet
152Kb / 8P
   SAW Filter 942.5 MHz BW35MHz
logo
TriQuint Semiconductor
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
   1842.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1192B MURATA-SF1192B Datasheet
174Kb / 5P
   1842.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF1192B RFM-SF1192B Datasheet
174Kb / 5P
   1842.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com